Electronic Components Datasheet Search
  English  ▼

X  

AFP02123 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # AFP02123
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button AFP02123 Datasheet HTML 10Page - Panasonic Semiconductor AFP02123 Datasheet HTML 11Page - Panasonic Semiconductor AFP02123 Datasheet HTML 12Page - Panasonic Semiconductor AFP02123 Datasheet HTML 13Page - Panasonic Semiconductor AFP02123 Datasheet HTML 14Page - Panasonic Semiconductor AFP02123 Datasheet HTML 15Page - Panasonic Semiconductor AFP02123 Datasheet HTML 16Page - Panasonic Semiconductor AFP02123 Datasheet HTML 17Page - Panasonic Semiconductor AFP02123 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SPECIFICATIONS
SPECIFICATIONS
C10, C14, C16
C32, T32, F32
■ Performance specifications (FP0R Control units)
■ General specifications (FP0R Control units)
■ Input specifications (Common to control units and expansion units) (AsforthelimitationonthenumberofsimultaneousONpoints,pleaserefertothemanual.)
Product type of FP0R control unit
F32
(Transistor output type only)
C32
(Transistor output type only)
T32
(Transistor output type only)
C16
(Transistor output type only)
C14
(Relay output type only)
C10
(Relay output type only)
Programming method / Control method
Relay symbol / Cyclic operation
10 points
[Input: 6, Relay output: 4]
Max. 58 points
Max. 106 points
14 points
[Input: 8, Relay output: 6]
Max. 62 points
Max. 110 points
16 points
[Input: 8, Transistor output: 8]
Max. 112 points
Max. 112 points
32 points
[Input: 16, Transistor output: 16]
Max. 128 points
Max. 128 points
32 points
[Input: 16, Transistor output: 16]
Max. 128 points
Max. 128 points
Not available
Not available
4 points (50 kHz max. each) Two channels can be controlled individually.*
4 points (6 Hz to 4.8 kHz)
Number of
I/O points
No expansion
(Control unit only)
With expansion 1
* Same type of control and expansion units
With expansion 2
* Mix type of relay and transistor units
Program memory
Program capacity
Number of
instructions
Operation speed
Basic
High-level
Up to 3,000 steps
3,001st and later steps
EEPROM (no backup battery required)
110 approx.
210 approx.
Basic instructions: 0.08 µs Min. Timer instructions: 2.2 µs Min. High-level instructions: 0.32 µs (MV instruction) Min.
Basic instructions: 0.58 µs Min. Timer instructions: 3.66 µs Min. High-level instructions: 1.62 µs (MV instruction) Min.
4,096 points
1,024 points
14 words (IO to ID)
256 words
256 labels
Equivalent to the program capacity
1,000 stages
500 subroutines
Single-phase: 6 points (50 kHz max. each) 2-phase: 3 channels (15 kHz max. each)*
Total 8 points (with high speed counter)
Input: 8 programs (6 programs for C10 only) / Periodic: 1 program / Pulse match: 4 programs
In units of 0.5 ms: 0.5 ms to 1.5 sec. / In units of 10 ms: 10 ms to 30 sec.
In units of 0.5 ms: 0.5 ms to 600 ms
16 k steps
32 k steps
12,315 words
32,765 words
One RS485 port is mounted on each of C10MRS, C14MRS, C16MT, C16MP, C32MT, C32MP, T32MT, T32MP, F32MT and F32MP type(3P terminal block)
Transmission speed (Baud rate): 115.2 kbps (It is possible to change to 19.2 kbps by the setting.), Transmission distance: 1,200 m 3,937 ft, Communication method: half duplex
One RS232C port is mounted on each of C10CRS, C10CRM, C14CRS, C14CRM, C16CT, C16CP, C32CT, C32CP, T32CT, T32CP, F32CT and F32CP type
(3P terminal block) Transmission speed (Baud rate): 2,400 to 115,200 bits/s, Transmission distance: 15 m 9.8 ft. Communication method: half duplex
Stored program and system register in EEPROM
Stored fixed area in EEPROM
Counter: 16 points
Internal relay: 128 points
Data register: 315 words
Backup of the
entire area by a
built-in secondary
battery
Backup of the entire
area by FeRAM
(without the need
for a battery)
Watchdog timer (690 ms approx.), Program syntax check
Rewriting in RUN mode, Download in RUN mode (incl. comments), 8-character password setting, and Program upload protection
Not available
Not available
Available
Operation
memory
Relay
Memory
area
Internal relay (R)
Timer / Counter (T / C)
Data register (DT)
Index register (IX, IY)
Special
functions
Master control relay points (MCR)
Number of labels (JMP and LOOP)
Differential points
Number of step ladder
Number of subroutines
High speed counter
Pulse output
PWM output
Pulse catch input / interrupt input
Interrupt program
Periodical interrupt
Constant scan
RS232C port
RS485 port
Maintenance
Memory
backup
Program and system register
Operation memory
Self-diagnostic function
Real-time clock function
Other functions
* For the limitations while operating units, see the manual.
Item
Specifications
Item
Specifications
Control unit
Expansion unit
Rated voltage
Operating voltage range
Allowed momentary
power off time
Ambient temperature
Storage temperature
Ambient humidity
Storage humidity
Breakdown voltage
(Detection current: 5 mA)
Insulation resistance
(Test voltage: 500 V DC)
Vibration resistance
Shock resistance
Noise immunity
Operating condition
24 V DC
20.4 to 28.8 V DC
5 ms (at 20.4 V DC), 10 ms (21.6 V DC or higher)
10 ms (20.4 V DC or higher)
0 to +55 °C 32 to +131 °F
-40 to +70 °C -40 to +158 °F (-20 °C to +70 °C -4 to +158 °F for T32 only)
10 to 95% RH (at 25 °C 77 °F, no condensation)
10 to 95% RH (at 25 °C 77 °F, no condensation)
Input terminals - output terminals, Output terminals – power and functional ground terminals --- Transistor output: 500 V AC for 1 minute (Relay output: 1,500 V
AC for 1 minute) / Input terminals – power and functional ground terminals, Functional ground terminal – power terminal --- Transistor output: 500 V AC for 1
minute (Relay output: 500 V AC for 1 minute) / Output terminals – output terminals (different common terminals) --- Relay output: 1,500 V AC for 1 minute
Input terminals - output terminals, input terminals – power and functional ground terminals, output terminals – power and functional ground
terminals, functional ground terminal – power terminal --- Transistor output: 100 MΩ minimum (relay output: 100 MΩ minimum) / Output
terminals – output terminals (different common terminals) --- Relay output: 100 MΩ minimum
5 to 9 Hz, single amplitude of 3.5 mm, 1 sweep/min; 9 to 150 Hz, constant acceleration of 9.8 m/s2, 1 sweep/min; for 10 min each in X, Y, and Z directions
147 m/s2 or more , 4 times each in X, Y, and Z directions
1,000 V (p-p) with pulse widths 50 ns and 1 µs (using a noise simulator) (Power supply terminal)
Free from corrosive gasses and excessive dust
24 V DC
21.6 to 26.4 V DC
2.6 mA approx. (at 24 V DC)
4.7 mA approx. (at 24 V DC)
9.1 kΩ approx.
5.1 kΩ approx.
6 points / common (C10), 8 points / common (C14, C16), 16 points / common (C32, T32, F32)
19.2 V / 2 mA
2.4 V / 1.2 mA
20 µs or less * An input time constant (0.1 to 64 ms) can be set.
2 ms or less
Same as above
Same as above
Photocoupler
* Since the response time of X0 to X7 is very fast (for high-speed counter input) the FP0 happens to chattering noise as an input signal. To prevent this, it is recommended that the timer should be put in the ladder program.
Rated input voltage
Operating voltage range
Rated input current
Input impedance
Input points per common
Min. ON voltage/ON current
Max. OFF voltage/OFF current
Response
time
Insulation method
OFF → ON
ON → OFF
X0
9.1 kΩ
*
9.1 kΩ
*
Xn
COM
Y0
Yn
COM
L
L
X0
Y0
Yn
Xn
COM
L
L
9.1 kΩ
*
9.1 kΩ
*
1 ms
K2000
0 V
FP0-A21
WX2
10 V
K 0
K2000
0 V
FP0-A80
WX2
10 V
K 0
10 V
0 V
WX2
K2000
K 0
FP0-A04V / FP0-04I
10 V
0 V
WX2
K2000
K 0
FP0-A21
FP0-A80
FP0-A21
FP0-A04V
FP0-A04I
(+)
(−)
FP0-A21
(
)
2. Transistor output type
■ Outputspecifications(Commontocontrolunitsandexpansionunits)
■ Analog unit specifications (FP0 Expansion units)
■ Thermocouple unit specifications (FP0 Expansion units)
■ I/O circuit diagrams
As for the limitation on the number of simultaneous
ON points, please refer to the manual.
1. Relay output type
Item
Specifications
Item
Specifications
Item
Specifications
Item
Specifications
NPN
PNP
Item
Specifications
Item
Specifications
Output type
Rated control capacity
Response time
Life time
Surge absorber
Output points per common
1a
2 A 250 V AC, 2 A 30 V DC (4.5 A / common)
10 ms approx.
8 ms approx.
2 x 107 operations or more
105 operations or more
None
2 points / common + 1 point / common + 1point / comon (C10),
4 points / common + 1 point / common + 1point / comon (C14)
OFF → ON
ON → OFF
Mechanical
Electrical
OFF → ON
ON → OFF
Output type
Rated load voltage
Load voltage allowable range
Max. load current
OFF state leakage current
ON state voltage drop
Response
time
Open collector
5 to 24 V DC
24 V DC
4.75 to 26.4 V DC
21.6 to 26.4 V DC
C16, C32, T32 and F32: 0.2 A / point (Max. 14 per common terminal)
E16, E32, E8Y and E16Y: 0.3 A / point (Max. 14 per common terminal)
1 µA or less
0.2 V DC or less
20 µs or less (Load current: 5 mA or more), 0.1 ms or less (Load current: 0.5 mA or more) (Note)
40 µs or less (Load current: 5 mA or more), 0.2 ms or less (Load current: 0.5 mA or more) (Note)
Surge absorber
Output points per common
Insulation method
Zener diode
8 points / common (C16T), 16 points / common (C32, T32, F32)
Photocoupler
Relay output type
Transistor output type (NPN)
Internal
circuit
Internal
circuit
Internal
circuit
Internal
circuit
Internal
circuit
Internal
circuit
Internal
circuit
Internal
circuit
Note: For transistor output types, make sure that the externally supplied voltage between the (+) and (-) terminal
is between 21.6 and 26.4 V DC.
* For expansion unit: 5.1 k Ω
Note: For expansion unit: 1 ms or less
Input
Output
Output
Input
Internal
Internal
Source
1. Analog input specifications
2. Analog output specifications
Number of input points
Input range
Resolution
Conversion speed
Overall precision
Input
impedance
Absolute
maximum input
Insulation method
Number of I/O contact points
Averaging function
Voltage range
Current range
Voltage range
Current range
Voltage range
Current range
Between analog input terminal and
FP0 internal circuit: optical coupler
insulation (non-insulated between
channels)
Between analog input terminal and analog
I/O unit external power supply: based on
insulation type DC/DC converter
Between analog input terminal and
analog output terminal: based on
insulation type DC/DC converter
Between analog output terminal and
FP0 internal circuit: optical coupler
insulation (non-insulated between
channels)
Between analog input terminal and
A/D converter unit external power
supply: based on insulation-type
DC/DC converter
0 to 20 mA (K 0 to K 4000) (Note 1)
1/4,000 (12 bits)
1 ms / channel (Note 2)
±1 % FS or less (0 to 55 °C 32 to 131 °F), ±0.6 % F.S or less (25 °C 77 °F)
1 MΩ or more
250 Ω
±15 V
±30 mA
None
32 input contact points
Can be switched on and off.
2 channels / unit
8 channels / unit Number of input points
can be changed 2, 4, 6 and 8 channels.
0 to 5 V (K0 to K4000) (Note 1)/
-10 to +10 V (K -2000 to K +2000) (Note 1)
0 to 5 V (K0 to K4000) (Note 1)/-10 to +10 V
-100 to +100 mV (K -2000 to K +2000) (Note 1)
Notes:1) If the digital value exceeds the upper or lower limit, D/A conversion will not take place.
(Analog output will remain as the previous data.)
2) The time shown below is required to update the actual analog output.
Notes:1) If the analog input value exceeds the upper or lower limit, the digital value will preserve the upper or lower limit.
2) The time shown below is required before the analog data is reflected in the control unit input.
Analog intput
Analog intput
3) Settings value switch for the number of input channel
4) With each one scan of the control unit, the data for two channels will be loaded into control unit. In other words, if the input
channel number switch is set to 8-channel, the data in the control unit will be updated once every four scans.
3) The data for two channels will be output to the D/A converter unit with one scan of the control unit.
Conversion
time
Refresh
500 µs / 1 ch
1 ms / 2 ch
0 ms to
scan time
1 ms x number
of expansions
Conver-
sion
time
Refresh
Waiting for
processing
Waiting for
processing
500
µs
(Note 4)
(Note 3)
Refresh
Refresh
standby
0 ms to scan time
0 ms to scan time
Number of input channels
2
Refresh
Refresh standby
1 ms x number
of expansions
1 ms x number
of expansions
Conver-
sion
time
Analog output
Analog output
Conversion time
1 ms to
1 ms x number of
input channels
1 ms x number
of expansions
0 ms to scan time
Number of output points
Output range
Resolution
Conversion speed
Overall precision
Output impedance
Max. output current
Insulation method (Note 2)
Number of I/O contact points
Voltage range
Current range
Voltage range
Voltage range
Current range
Absolute output
load resistance
16 output contact points
16 input contact points, 32 output contact points (Note 3)
1 channel / unit
30 Ω or less
1,000 Ω or less
500 Ω or less
Voltage output 4 channels / units Current output 4 channels / units
Between analog output terminal and FP0 internal circuit:
optical coupler insulation (non-insulated between
channels)
Between analog output terminal and D/A converter unit
external power supply: based on insulation type DC/DC
converter
Between analog output terminal
and FP0 internal circuit: optical
coupler insulation (non-insulated
between channels)
Between analog output terminal
and analog I/O unit extenal
power supply: based on
insulation type DC/DC converter
Between analog output terminal
and analog input terminal: based
on insulation type DC/DC
converter
-10 to +10 V range (K -2000 to K +2000) (Note 1)
0 to 20 mA (K0 to K4000) (Note 1)
4 to 20 mA (K0 to K4000) (Note 1)
0.5 Ω or less
±10 mA
1/4,000 (12 bits)
500 µs / channel (Note 2)
±1 % F.S. or less (0 to 55 °C 32 to 131 °F), ±0.6 % F.S. or less (25 °C 77 °F)
Notes:
1) The measurement range available for degree Celsius is not available for degree Fahrenheit, of which the
upper-limit measurement is set lower than degree Celsius, since the digital value (temperature value displayed) for
degree Fahrenheit is bigger than that for degree Celsius.
2) When the thermocouple is broken, the digital value will become K8000 or K16000 within 70 seconds since broken.
Practice in the ladder program a process for avoiding a risk, would be resulting from a broken thermocouple, and
exchange the thermocouple.
3) Until the conversion data will be ready after the initial startup was made, the digital value shows K8001 or K16001.
Those are not a temperature data. Create a ladder program, so that they are not acquired as a temperature data.
4) The settings of the input channel selection switch.
5) Conversion values for 6-time measurements (6 from the latest 8 measurements, excluding the max. and min.) are
averaged, so that it takes time for the digital value to be displayed due to the rapid temperature change.
6) The control unit reads the data for 2 channels per 1 scan by the control unit. Read data by utilizing the sample
program given in the product specifications and manual.
Number of input points
Input range
Digital output
4-channel, 8-channel (The number of input points can be changed 2, 4, 6 and 8 channels.)
Range for K and J
-100.0 to 500.0 °C/-148.0 to 790.0 °F (Note 1)
Range for T
-100.0 to 400.0 °C/-148.0 to 752.0 °F
Range for R
0 to 1500.0 °C/32.0 to 1590.0 °F (Note 1)
K and J (when using °C): K -1000 to K5000
K and J (when using °F): K -1480 to K7900 (Note 1)
(When range over using °C: K-1001, K5001 or K8000)
(When range over using °F: K-1481, K7901 or K8000)
(When the thermocouple broken: K8000) (Note 2)
(Until the temperature can be measured at the initial startup: K8001) (Note 3)
T (when using °C): K -1000 to K4000
T (when using °F): K -1480 to K7520
(When range over using °C: K -1001, K4001 or K8000)
(When range over using °F: K -1481, K7521 or K8000)
(When the thermocouple broken: K8000) (Note 2)
(Until the temperature can be measured at the initial startup: K8001) (Note 3)
R (when using °C): K0 to K15000
R (when using °F): K320 to K15900 (Note 1)
(When range over using °C: K 0, K15001 or K16000)
(When range over using °F: K 0, K15901 or K16000)
(When the thermocouple broken: K16000) (Note 2)
(Until the temperature can be measured at the initial startup: K16001) (Note 3)
Resolution
1 MΩ or more
Input impedance
Number of I/O contact points
Overall accuracy
Sampling cycle (Note 5)
Insulation method
0.1 °C
700 ms: when using 6 channels for an input points (Note4)
900 ms: when using 8 channels for an input points (Note4)
300 ms: when using 2 channels for an input points (Note4)
500 ms: when using 4 channels for an input points (Note4)
Range for K and J
(-100 to 500 °C):
±0.8 °C or less
Range for T
(-100 to 400 °C):
±0.8 °C or less
Range for R
(0 to 99.9 °C):
±3 °C or less
(100 to 299.9 °C):
±2.5 °C or less
(300 to 1,500 °C):
±2 °C or less
• Between thermocouple input terminals and FP0 internal circuits:
Photo-coupler insulation, DC/DC converter insulation
• Between thermocouple input terminal channels: PhotoMOS relay insulation
32 input contact points (Note 6)
21.6 to 26.4 V DC
External power
supply
C16, E16T and E8YT: 30 mA or less C16, E16P and E8YP: 35 mA or less
Voltage
Current
C32, T32, F32, E32T and E16Y:
60 mA or less
C32, T32, F32, E32P and E16YP:
70 mA or less
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com