Electronic Components Datasheet Search
  English  ▼

X  

AFP02123 Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # AFP02123
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123 Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button AFP02123 Datasheet HTML 12Page - Panasonic Semiconductor AFP02123 Datasheet HTML 13Page - Panasonic Semiconductor AFP02123 Datasheet HTML 14Page - Panasonic Semiconductor AFP02123 Datasheet HTML 15Page - Panasonic Semiconductor AFP02123 Datasheet HTML 16Page - Panasonic Semiconductor AFP02123 Datasheet HTML 17Page - Panasonic Semiconductor AFP02123 Datasheet HTML 18Page - Panasonic Semiconductor AFP02123 Datasheet HTML 19Page - Panasonic Semiconductor AFP02123 Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SPECIFICATIONS
PRODUCT TYPES
Control units
Product name
Built-in memory
(Program capacity)
Specications
Part number
Number of I/O points Power supply
voltage
Input
Output
Connection type
FP0R-C10 Control Unit
Relay: 2 A
Relay: 2 A
Relay: 2 A
Relay: 2 A
Terminal block
Molex connector
Molex connector
Molex connector
Molex connector
AFP0RC10RS
AFP0RC10RM
AFP0RC10CRS
AFP0RC10CRM
AFP0RC14RS
AFP0RC14RM
AFP0RC14CRS
AFP0RC14CRM
AFP0RC32T
AFP0RC32MT
AFP0RT32CT
AFP0RT32CP
AFP0RF32MT
AFP0RF32MP
AFP0RE8X
AFP0RE8RS
AFP0RE8RM
AFP0RE8YRS
AFP0RE8YT
AFP0RE16X
AFP0RE16RS
AFP0RE16RM
AFP0RE16T
AFP0RE16YT
AFP0RE32T
MIL connector
MIL connector
MIL connector
MIL connector
MIL connector
MIL connector
FP0R-C10 Control Unit with RS232C port
Relay: 2 A
Terminal block
FP0R-C14 Control Unit
Relay: 2 A
Terminal block
FP0R-C14 Control Unit with RS232C port
Relay: 2 A
Terminal block
MIL connector
MIL connector
MIL connector
MIL connector
MIL connector
MIL connector
AFP0RC16T
AFP0RC16P
AFP0RC16CP
AFP0RC32P
AFP0RC32MP
AFP0RC16CT
FP0R-C16 Control Unit
FP0R-C16 Control Unit with RS232C port
FP0R-C32 Control Unit
FP0R-C32 Control Unit with RS485 port
FP0R-T32 Control Unit with RS232C port and Real-time
clock function
FP0R-F32 Control Unit with RS485 port and Battery-less
automatic all data backup function
EEPROM
(32 k steps)
EEPROM
(32 k steps)
EEPROM
(32 k steps)
EEPROM
(16 k steps)
EEPROM
(16 k steps)
EEPROM
(16 k steps)
EEPROM
(16 k steps)
EEPROM
(16 k steps)
EEPROM
(16 k steps)
32
32
32
16
16
16
8
8
8
8
Input: 8
Output: 8
Output: 8
Input: 16
Input: 8
Output: 8
Input: 8
Output: 8
Output: 16
Input: 16
Output: 16
Input: 4
Output: 4
16
16
16
14
14
10
10
Input: 16
Output: 16
Input: 16
Output: 16
Input: 16
Output: 16
Input: 8
Output: 8
Input: 8
Output: 8
Input: 8
Output: 6
Input: 8
Output: 6
Input: 6
Output: 4
Input: 6
Output: 4
24 V DC
24 V DC
Sink/Source
(±common)
AFP0RT32MT
AFP0RT32MP
MIL connector
FP0R-T32 Control Unit with RS485 port and Real-time
clock function
EEPROM
(32 k steps)
32
Input: 16
Output: 16 24 V DC
24 V DC
Sink/Source
(±common)
24 V DC
24 V DC
24 V DC
24 V DC
24 V DC
24 V DC
24 V DC
24 V DC
24 V DC
Sink/Source
(±common)
AFP0RC32CT
MIL connector
AFP0RC32CP
FP0R-C32 Control Unit with RS232C port
EEPROM
(32 k steps)
32
Input: 16
Output: 16 24 V DC
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
MIL connector
AFP0RC16MP
AFP0RC16MT
FP0R-C16 Control Unit with RS485 port
EEPROM
(16 k steps)
16
Input: 8
Output: 8
24 V DC
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
AFP0RC14MRS
FP0R-C14 Control Unit with RS485 port
Relay: 2 A
Terminal block
EEPROM
(16 k steps)
14
Input: 8
Output: 6
24 V DC
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
AFP0RC10MRS
FP0R-C10 Control Unit with RS485 port
Relay: 2 A
Terminal block
EEPROM
(16 k steps)
10
Input: 6
Output: 4
24 V DC
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
Transistor NPN: 0.3 A
Transistor NPN: 0.3 A
Transistor NPN: 0.3 A
Transistor NPN: 0.3 A
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
24 V DC
Sink/Source
(±common)
EEPROM
(32 k steps)
32
Input: 16
Output: 16 24 V DC
24 V DC
24 V DC
24 V DC
Sink/Source
(±common)
AFP0RF32CT
AFP0RF32CP
MIL connector
FP0R-F32 Control Unit with RS232C port and Battery-less
automatic all data backup function
EEPROM
(32 k steps)
32
Input: 16
Output: 16 24 V DC
24 V DC
Sink/Source
(±common)
Expansion units
Product name
Specications
Part number
Number of I/O points
Input
Output
Connection type
FP0R-E8 Expansion Unit
—
—
Terminal block
Terminal block
Terminal block
Molex connector
Molex connector
24 V DC
—
—
—
AFP0RE8YP
MIL connector
8
Output: 8
Transistor PNP: 0.3 A
—
—
FP0R-E16 Expansion Unit
—
—
—
AFP0RE16P
MIL connector
Input: 8
Output: 8
16
Transistor PNP: 0.3 A
24 V DC
Sink/Source
(±common)
—
—
—
AFP0RE16YP
MIL connector
Output: 16
16
Transistor PNP: 0.3 A
—
—
FP0R-E32 Expansion Unit
32
—
AFP0RE32P
MIL connector
Input: 16
Output: 16
Transistor PNP: 0.3 A
24 V DC
Sink/Source
(±common)
32
—
Notes: 1) The relay output type expansion units come with a power cable (part number: AFP0581).
(The transistor output type expansion units need no power cable.)
2) The terminal block type relay output units have two terminal blocks (9 pins) made by Phoenix.
Use a 2.5 mm 0.10 inch wide screwdriver. Preferably use the specific terminal block screwdriver (part number:
AFP0806, Phoenix type code SZS0, 4 x 2.5 mm 0.10 inch) or equivalent.
Notes: 1) See page 13 for the “Control unit replacement table” of the existing FP0 control units.
2) A power cable (Part number: AFPG805) is supplied with the control units.
3) The connector type relay output units have two connectors made by Nihon Molex (Molex type code
51067-0900, 9 pins). Use the specific Molex connector press-fit tool (part number: AFP0805, Nihon
Molex type code 57189-5000) or equivalent.
4) The transistor output units have a press-fit socket for wire-pressed terminal cable and contacts.
Use the press-fit tool (part number: AXY52000FP) for wire-pressed terminal cable.
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
Transistor NPN: 0.2 A
Transistor PNP: 0.2 A
C10
C14
C16
C32
T32
F32
—
—
—
—
—
—
—
—
—
—
FP0-A21
FP0-A80
FP0-A04V
FP0-A04I
FP0-TC4
FP0-TC8
FP0-CCLS
FP0-IOL
FP-WEB2
AFP15402
(C-NET adapter)
—
—
—
AFP0RE8X
AFP0RE8R
AFP0RE8YR
AFP0RE8YT/P
AFP0RE16X
AFP0RE16R
AFP0RE16T/P
AFP0RE16YT/P
AFP0RE32T/P
■ I/O Link unit specifications (FP0 Expansion units)
■ CC-Link slave unit specifications (FP0 Expansion units)
■ Power supply unit specifications (FP0 Expansion units)
■ Current consumption
Applicable crimp teriminals
■ FPWeb-server2 unit specifications (FP0 Expansion units)
Item
Specifications
Note: This point number is the number of points that can be linked for inputting and outputting via the host PLC
and network MEWNET-F. If the output for the I/O link unit error flag is set to ON, this number becomes 63
points (31 input points and 32 output points).
Note: Start up may not be possible if a device with a large inrush current is connected even if below the rated
current. In such a case, we recommend suppressing the inrush current by inserting a 1 to 2 Ω resister
between the power supply unit and the device.
Communication method
Synchronous method
Transmission line
Transmission distance
(Total distance)
Transmission speed (Baud rate)
Number of control I/O point
per an I/O link unit
Remote I/O map allocation
Interface
Transmission error check
Two-wire, half duple
Asynchronous method
2-wire cable
(Twisted-pair cable or VCTF 0.75 mm2 x 2C equivalent)
Max. 700 m 2,297 ft (using twisted-pair cable)
Max. 400 m 1,312 ft (using VCTF cable)
0.5 Mbits/s
64 points (Input: 32 points and Output: 32 points) (Note)
32X / 32Y
Conforming to RS485
CRC (Cyclic Redumdancy Check) method
Communication
functions
Communication
interface
RS232C
communication
Ethernet communication
Supported protocol
Memory size
Setup method
RS232C
Ethernet conversion
(PLC remote programming via Ethernet)
E-mail sending function
HTTP server function
General-purpose communication (Server/Client)
PPP server function
RS232C terminal block 3-pin: Mainly used for PLC connection
RS232C D-Sub 9-pin: Mainly used for Modem connection
100 BASE-TX (RJ45): Used for Ethernet connection
Transmission speed: 1,200, 2,400, 4,800, 9,600, 19,200, 38,400,
57,600, 115,200 bits/s
Data length: 7 bits / 8 bits, Parity: Even / Odd / None
100 Mbits/s (100 BASE-TX: RJ45)
TCP, UDP, IP, DHCP, FTP, TELNET, HTTP, SMTP, and PPP
148 kB approx. (for storing htm files)
Setup using FP Web Configurator Tool 2
1. Communication specifications
100 m 328 ft
160 m 525 ft
400 m 1,312 ft
900 m 2,952 ft
1,200 m 3,937 ft
100 m 328 ft
150 m 492 ft
200 m 656 ft
600 m 1,969 ft
1,200 m 3,937 ft
Version
Communication method
Transmission speed
Max.
transmission distance
(Note)
Interface
Station type
Number of occupied stations
CC-Link Ver.1.10
Broadcast polling method
10 Mbits/s, 5 Mbits/s, 2.5 Mbits/s, 625 kbits/s, 156 kbits/s
CC-Link cable
Ver.1.10 CC-Link cable
CC-Link high-performace cable
RS485
Remote device station
1 station
10 Mbits/s
5 Mbits/s
2.5 Mbits/s
625 kbits/s
156 kbits/s
Length of the multi-drop connected cables at both ends
The cable length has restrictions in communication speed, CC-Link version, and dedicated cables
to be used.
For details concerning the CC-Link, refer to the CC-Link Partner Association.
When an FP0 thermocouple unit is used with an FP0 CC-Link slave unit, the measurement
accuracy of the thermocouple unit which is installed on the left of the CC-Link slave unit is as
shown in the table below.
Note:
K, J and T
R
Thermocouple
Standard
specifications
When CC-Link
slave unit with a
thermocouple unit
0 to 99.9 °C 32 to 211.82 °F
100 to 299.9 °C 212 to 571.82 °F
300 to 1,500 °C 572 to 2,732 °F
0.8 °C 33.44 °F
3 °C 37.4 °F
2.5 °C 36.5 °F
2 °C 35.6 °F
2 °C 35.6 °F
6 °C 42.8 °F
5 °C 41 °F
4 °C 39.2 °F
7.2 mm 0.28 in or less
Manufacturer
Part number
Applicable wiring
JST Mfg. Co., Ltd.
V1.25-M3 (round type)
V1.25-S3A (fork type)
V2-M3 (round type)
V2-S3A (fork type)
0.35 to 1.65 mm2
AWG #22 to #15
1.04 to 2.00 mm2
AWG #17 to #14
Input
Output
Protective
functions
Rated input voltage
Variable input voltage range
Rated frequency
Frequency range
Number of phases
Inrush current
Leakage current
Allow able momentary power off time
Rated voltage
Voltage accuracy
Rated current
Output current range
Ripple voltage
Over-current protection
Over-voltage protection
100 to 240 V AC
85 to 264 V AC
50/60 Hz
47 to 63 Hz
Single-phase
30 A (0 to P) or less, with cold start
0.75 mA or less
10 ms or more
24 V DC
±5 %
0.7 A (Note)
0 to 0.6 A
500 mV or less
0.63 A or more
Available
Type of unit
Control unit current
consumption (24 V DC)
Expansion unit current
consumption (24 V DC)
Type of unit
Control unit current
consumption (24 V DC)
Expansion unit current
consumption (24 V DC)
FP0R control
units
FP0R
expansion
units
100 mA or less
120 mA or less
70 mA or less
90 mA or less
10 mA or less
10 mA or less
10 mA or less
15 mA or less
10 mA or less
20 mA or less
20 mA or less
25 mA or less
35 mA or less
50 mA or less
100 mA or less
100 mA or less
FP0 intelligent
units
Communication
units
20 mA or less
20 mA or less
20 mA or less
20 mA or less
25 mA or less
40 mA or less
30 mA or less
50 mA or less
100 mA or less
60 mA or less
100 mA or less
130 mA or less
40 mA or less
40 mA or less
95 mA or less (at 24 V DC)
240 mA or less (at 12 V DC)
● Control unit current consumption
This refers to the current consumed via the power
supply connector of the control unit. If expansion
units or intelligent units are added, the current is
increased by the value indicated above.
● Expansion unit current consumption
This refers to the current consumed via the
power supply connector of the expansion unit.
Units with no value indication don't have a power
supply connector.
Item
Specifications
Item
Specifications
Item
Specifications
Power supply
voltage
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com