Electronic Components Datasheet Search
  English  ▼

X  

AFP02123C Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AFP02123C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123C Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AFP02123C Datasheet HTML 3Page - Panasonic Semiconductor AFP02123C Datasheet HTML 4Page - Panasonic Semiconductor AFP02123C Datasheet HTML 5Page - Panasonic Semiconductor AFP02123C Datasheet HTML 6Page - Panasonic Semiconductor AFP02123C Datasheet HTML 7Page - Panasonic Semiconductor AFP02123C Datasheet HTML 8Page - Panasonic Semiconductor AFP02123C Datasheet HTML 9Page - Panasonic Semiconductor AFP02123C Datasheet HTML 10Page - Panasonic Semiconductor AFP02123C Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Pressure sensor
Laser analog
sensor
Inverter
Potentiometer
■ Control FPWIN Pro (IEC61131-3 compliant Windows version software)
■ Control FPWIN GR (Windows version software)
Features
●
Programming in the language most suited to the
process
Easy-to-understand, efficient programs can be created, for example, by
using a ladder program for machine control or ST for communications
control.
●
Programming in the language you are good at
Programming time can be greatly reduced by the easy ability to split and
then integrate programming for each function and process.
1. Five programming languages can be used.
Programming can be done using the language most familiar to the
developer or using the language most suited to the process to be
performed. High-level (structured text) languages that allow structuring,
such as C, are supported.
2. Easy to reuse well-proven programs
Efficiency when writing programs has been greatly increased by being
able to split programming up for each function and process using
structured programming.
3. Keep know-how from getting out
By "black boxing" a part of a program, you can prevent know-how from
leaking out and improve the program's maintainability.
4. Uploading of source programs from PLC possible.
Maintainability increased by being able to load programs and comments
from the PLC.
5. Programming for all models in the FP series possible.
Main program
(SFC)
Designer A
(SFC)
Positioning
program (ST)
Completed
program
Completed
program
Designer B
(ST)
Communications
program (ST)
Designer C
(ST)
Malfunction handling
program (ladder)
Designer D
(ladder)
Compliant with international standard IEC61131-3
Programming software approved by PLC Open
Operational Environment
OS
Hard disk capacity
CPU
Onboard memory
Screen resolution
Display colors
Applicable PLC
Windows 2000/XP/Vista/7 (Note)
At least 120 MB
Pentium III processor (700 MHz) or compatible
At least 256 MB RAM or more
At least 1,024 x 768
High Color (16-bit) or higher
FP0R/FP0/FPΣ/FP-X/FP-e/FP2/FP2SH
Features
Operational Environment
OS
Hard disk capacity
CPU
Onboard memory
Screen resolution
Display colors
Applicable PLC
Windows 98/Me/2000/XP/Vista/7 (Note)
At least 40 MB
Pentium 100 MHz or higher
At least 64 MB (depends on OS)
At least 1,024 x 768
High Color (16-bit) or higher
FP0R/FP0/FPΣ/FP-X/FP-e/FP2/FP2SH
1. Easy field operations not requiring the use of a mouse
for data entry, search, writing, monitoring and timer
changes, all carried out only from the keyboard.
2. All FP series PLCs are supported.
3. Easy programming with wizard functions.
4. Communication with GTWIN and PCWAY
simultaneously through the same port.
5. A simulation function is available.
Program status display
Program display
Search window
Allows you to search
various data
Tool bar
Access often-used
functions using icons.
Data
monitoring
window
Relay
monitoring
window
Function bar
Buttons for instruction input
and confirmation,
on-line/off-line selection and
PLC mode selection.
The ladder programming software for FP series Highly operational software tool for maximizing convenience in the field
* FP0R is compatible with Ver. 2.8 or later.
* FP0R is compatible with Ver. 6.1 or later.
OTHER USEFUL FUNCTIONS
PROGRAMMING SOFTWARE
The lineup includes a compact analog I/O unit with one analog
output and two analog input channels, an A/D converter unit with
eight analog input channels, and a D/A converter unit with four
analog output channels. Communication using up to 24 channels
is possible. Both the compact body size and the high
input/output resolution of 1/4,000 (12 bits) have been achieved.
The DIP switches in the unit cover a variety of input/output
ranges and are user-friendly.
User programs can be protected from unauthorized copying by
disabling program upload using our software, FPWIN. This
function is useful for users who manage original programs on a
PC.
All FP0R series models are equipped with EEPROM, which can
electrically rewrite data and retain data without the need for
voltage supply. Setting data and production result data can be
written and saved by the P13 instruction, and read out by the F12
instruction when necessary.
● A temperature control program can be
written in only one line by using a PID
instruction (F356 EZPID), facilitating
temperature control programming by a
PLC, which had previously been
considered difficult.
● The total accuracy is ±0.8°C ±33.44°F (K, J
and T range). Two types are available:
4-channel and 8-channel types. Up to three
units can be connected, allowing
high-accuracy multi-point PID control of a
maximum of 24 channels.
This function can take in 10 μs short pulse
inputs and is therefore ideal for taking in
signals from a sensor to detect small
components.
The clock allows for year, month, day, hour, minute, and second
data processing. The clock data can be linked to periodic
monitoring of production data and operation status, and the
management of error history records.
Even while the equipment is operating with FP0R in RUN mode, a
whole program edited offline can be downloaded to FP0R, and
comments can be written simultaneously.
Programs can be changed without stopping a running production
line.
This function takes in input signals at high speed regardless of
the scan time and instantly executes the interrupt program. This
is useful for high-accuracy positioning control or control of
defective item ejector valves. The X0 to X7 inputs can be
designated as interrupt inputs (C10: X0 to X5).
● Eight-character password
FP Memory Loader
PC
Upload
(Read)
Since uppercase and lowercase alphanumeric characters can be
used, there are approx. 218 trillion possible password combinations.
If an incorrect password is entered three times in a row, a
cold reboot is required.
This function is useful for users who upload programs from
FP0R.
● Program upload protection setting
2,048 words / block
(Writable in 16 blocks max.)
P13 (Write)
Download in RUN mode
The X0 to X7 inputs can
be designated as pulse
catch inputs.
F12 (Read)
EEPROM
Control FPWIN Pro
or
Control FPWIN GR
Note: Each block is limited to 10,000 write operations.
10 μs
Upload
(Read)
Programs and comments can
be simultaneously written.
AFP0420
(FP0-TC4)
AFP0421
(FP0-TC8)
AFP0401
(FP0-A80)
AFP0480
(FP0-A21)
AFP04123
(FP0-A04I)
AFP04121
(FP0-A04V)
Analog I/O unit
Input: 2ch / Output: 1ch
A/D converter unit
Input: 8ch
D/A converter unit
Voltage output: 4ch
D/A converter unit
Current output: 4ch
Thermocouple unit
4ch
8ch
LD
ST
FBD
SFC
IL
Ladder
Diagram
Structured
Text
Function
Block
Diagram
Sequential
Function
Chart
Instruction
List
■ Analog I/O
■ EEPROM data saving (F12 and P13 instructions)
■ Temperature controller
■ Program protection
■ Pulse catch
■ Built-in real-time clock (T type only)
■ Program download in RUN mode (Comment writable)
■ Interrupt input
Note: Only Ver. 6.2 or later is compatible with Windows 7. (To be released in September 2011)
Note: Only Ver. 2.90 or later is compatible with Windows 7.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com