Electronic Components Datasheet Search
  English  ▼

X  

AFP02123C Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AFP02123C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123C Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AFP02123C Datasheet HTML 6Page - Panasonic Semiconductor AFP02123C Datasheet HTML 7Page - Panasonic Semiconductor AFP02123C Datasheet HTML 8Page - Panasonic Semiconductor AFP02123C Datasheet HTML 9Page - Panasonic Semiconductor AFP02123C Datasheet HTML 10Page - Panasonic Semiconductor AFP02123C Datasheet HTML 11Page - Panasonic Semiconductor AFP02123C Datasheet HTML 12Page - Panasonic Semiconductor AFP02123C Datasheet HTML 13Page - Panasonic Semiconductor AFP02123C Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OPTIONS
● RT-3 unit relays (Power PhotoMOS relay type)
RT-3 unit relay
■ OPTIONS
Notes:
Contact
arrangement
Type
Rated input
voltage
RT-3 Unit relay
Product No.
Part No.
Packing quantity
1 Form A × 4
DC only
(equipped with AQZ102)
AC / DC dual use
(equipped with AQZ204)
12 V DC
RT3SP1-12V
AY34001
24 V DC
RT3SP1-24V
AY34002
12 V DC
RT3SP2-12V
AY35001
24 V DC
● RT-3 unit relays (PA relay type)
RT3SP2-24V
AY35002
Inner carton: 1 piece
Outer case: 20 pieces
Inner carton: 1 piece
Outer case: 20 pieces
RT-3 unit relay
Notes:
1) Only for use with Power PhotoMOS relays. Cannot be equipped with PA relays.
2) Please consult us other contact arrangement.
1) Only for use with PA relay type. Cannot be equipped with Power PhotoMOS relay
stndard type. However, equipping with voltage sensitive type is possible.
2) 5 V DC type relays are also available. Please consult us.
3) Please consult us other contact arrangement.
Note: Never mount relays into this product other than those given above.
Doing so will cause malfunction, breakdown, and breakdown of the connected product.
Contact
arrangement
Rated input voltage
RT-3 Unit relay
Product No.
Part No.
Packing quantity
1 Form A × 4
12 V DC
RT3S-12V
AY33001
24 V DC
RT3S-24V
AY33002
● 4-point terminals
4-point terminals
Packing quantity: inner carton: 1 piece, outer case: 20 pieces
Type
Rated input voltage
PA relay and Voltage sensitive type power PhotoMOS relay type
12, 24 V DC
Part No.
AY30000
Mountable relays for 4-point terminal
Product name
PA relay
Power PhotoMOS relay (voltage sensitive type)
PA relay
Power PhotoMOS relay
(voltage sensitive type)
Part No.
APA3311 and APA3312
AQZ10*D (DC only)
AQZ20*D (AC / DC dual use)
● RT-2 relay terminals
DIN rail mounting type
1. Pressure connector connect type
Part No.
AY231501
I / O type
Input device
Product No.
RT2S-ID16-12V
AY231502
RT2S-ID16-24V
AY232502
RT2S-OD16-24V
AY232501
Rated voltage
12 V DC
24 V DC
24 V DC
12 V DC
Output device
RT2S-OD16-12V
Packing quantity
Inner carton: 1 piece
Outer case: 10 pieces
2. Wire-direct connect type
Part No.
AY231511
I / O type
Input device
Product No.
RT2S-C-ID16-12V
AY231512
RT2S-C-ID16-24V
AY232512
RT2S-C-OD16-24V
AY232511
Rated voltage
12 V DC
24 V DC
24 V DC
12 V DC
Output device
RT2S-C-OD16-12V
Packing quantity
Inner carton: 1 piece
Outer case: 10 pieces
Product name
Product number
PM-PW8-739/3.5
PM-FP0X-M733SS-F1M
PM-M733-3X8PC-S1
PM-FP0Y-M733SS-F1M
Ident number
51197832
51251907
51238076
51251909
(1) Common terminal block
(2) PM flexible cable for input
(4) 8 ponts, MIL-DIO station
(3) PM flexible cable for output
Pressure connector
connect type
Expansion cable with
wire-pressed terminal
Expansion cable
M type 16-point,
34-pin output cable
Wire-direct connect
type
● Cables
● WAGO DIO Station
Connecting cables for FP series and Interface terminal
■ OPTIONS
For Easy and Secure Connection Between
FP0R and a Sensor
(Standard packing; carton: 1 pc., Case: 10 pcs.)
Note: Please consult us regarding connecting cables for the various controllers. Regarding the expansion cables with wire-pressed terminal, the triangle mark does not correspond to wire No. 1, so be sure
to inquire for details.
Product
name
Controller
side unit
No. of
connector
contacts of
controller side
Interface
terminal
Connecting cable
Product name and shape
Length (Part number)
250 mm 500 mm 1,000 mm 1,500 mm 2,000 mm 3,000 mm 5,000 mm
FP0
FP0R
FPΣ
For FP0 and FP0R 8-point input
8 points
Input unit
Input side:
10-pin
For FP0, FP0R and FPΣ
16-point input
Input side:
10-pin × 2
For FP0 and FP0R 8-point output
Output side:
10-pin
For FP0, FP0R and FPΣ
16-point output
Output side:
10-pin × 2
20P
Controller side
Relay terminal side
32 points 16 points
16 points
I/O side: 20-pin
For FPΣ 64-point I/O unit
I/O side: 40-pin
RT-2 relay terminal
RT-1 PC relay terminal
AY15013 AY15014 AY15015 AY15016 AY15017
−
−
16 points
Input unit
RT-2 relay terminal
RT-1 PC relay terminal
AY15913 AY15914 AY15915 AY15916 AY15917
−
−
8 points
Output unit
RT-2 relay terminal
RT-1 PC relay terminal
AY15023 AY15024 AY15025 AY15026 AY15027
−
−
16 points
Output unit
RT-2 relay terminal
RT-1 PC relay terminal
AY15923 AY15924 AY15925 AY15926 AY15927
−
−
16 points
I/O unit
Connector terminal
AYT52203
AYT52202
AYT52204 AYT52205 AYT52206 AYT52207
−
64 points
I/O unit
RT-2 relay terminal
RT-1 PC relay
terminal / S type
AY15633 AY15634 AY15635 AY15636 AY15637
−
−
Expansion cables with wire-pressed terminal for relay terminal
Power is supplied
through the cable to the
PLC common terminal
and the sensor.
24 V DC
can be
branched.
(2)(3) Cable specifications
AWG28, Rated voltage: 30 V
Outer diameter of sheath: ø 4.4 ø 0.17
Minimum allowable bending radius: R = 13.2
Power supply wire: 0.3 sq, 250 mm 9.84 in
Quick connection with
DIO using the finger lever
The connector can be
reused.
The cable comes in
lengths up to 10 m
32.81 ft in increments
of 0.1 m 0.33 ft.
Power supply unit
FP0R
(2) Cable for input
Example: Sensor
(4) DIO station
Example: Switch and Lamp
(3) Cable for output
24 V DC
(1) Common terminal block
Even a thin sensor or
electrical wire can be
connected.
(0.08 - 0.5 sq)
Contact WAGO Kontakttechnik GmbH & Co. KG for inquiries
about DIO Station.
URL: http://www.wago.com
Relay terminal
I/O type
Length (Part number)
1,000 mm 1,500 mm 2,000 mm 3,000 mm 5,000 mm
9.84 in
19.69 in 39.37 in 59.06 in 78.74 in 118.11 in 196.85 in
39.37 in 59.06 in 78.74 in 118.11 in 196.85 in
RT-2 relay terminal
RT-1 PC relay terminal / S type
16-point both input
and output
Product name and shape
Expansion cable with wire-pressed terminal
AY15853 AY15854 AY15855 AY15856 AY15857
Mountable relays
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com