Electronic Components Datasheet Search
  English  ▼

X  

AFP02123C Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # AFP02123C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123C Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button AFP02123C Datasheet HTML 8Page - Panasonic Semiconductor AFP02123C Datasheet HTML 9Page - Panasonic Semiconductor AFP02123C Datasheet HTML 10Page - Panasonic Semiconductor AFP02123C Datasheet HTML 11Page - Panasonic Semiconductor AFP02123C Datasheet HTML 12Page - Panasonic Semiconductor AFP02123C Datasheet HTML 13Page - Panasonic Semiconductor AFP02123C Datasheet HTML 14Page - Panasonic Semiconductor AFP02123C Datasheet HTML 15Page - Panasonic Semiconductor AFP02123C Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
■ Control unit replacement table
FP0
FP0R
Product name
Product name
Product No.
Part No.
Part No.
FP0-C10RS
FP0-C10RM
FP0-C10CRS
FP0-C10CRM
FP0-C14RS
FP0-C14RM
FP0-C14CRS
FP0-C14CRM
FP0-C16T
FP0-C16P
FP0-C16CT
FP0-C16CP
FP0-C32T
FP0-C32P
FP0-C32CT
FP0-C32CP
FP0-T32CT
FP0-T32CP
AFP0RC10RS
AFP0RC10RM
AFP0RC10CRS
AFP0RC10CRM
AFP0RC14RS
AFP0RC14RM
AFP0RC14CRS
AFP0RC14CRM
AFP0RC16T
AFP0RC16P
AFP0RC16CT
AFP0RC16CP
AFP0RC32T
AFP0RC32P
AFP0RC32CT
AFP0RC32CP
AFP0RT32CT
AFP0RT32CP
AFP0RF32CT
AFP0RF32CP
FP0-SL1
AFP02123
AFP02113
AFP02123C
AFP02113C
AFP02223
AFP02213
AFP02223C
AFP02213C
AFP02343
AFP02353
AFP02343C
AFP02353C
AFP02543
AFP02553
AFP02543C
AFP02553C
AFP02643C
AFP02653C
AFP02700
Order
receiving
will be
discontinued
in August
2012.
Continue to be available
No corresponding models
FP0-C10 Control unit
FP0-C10 Control unit with RS232C port
FP0-C14 Control unit
FP0-C14 Control unit with RS232C port
FP0-C16 Control unit
FP0-C16 Control unit with RS232C port
FP0-C32 Control unit
FP0-C32 Control unit with RS232C port
FP0R-C10 Control unit
FP0R-C10 Control unit with RS232C port
FP0R-F32 Control unit with RS232C port
FP0R-C14 Control unit
FP0R-C14 Control unit with RS232C port
FP0R-C16 Control unit
FP0R-C16 Control unit with RS232C port
FP0R-C32 Control unit
FP0R-C32 Control unit with RS232C port
FP0-S-LINK Control unit with RS232C port
FP0-T32 Control unit with RS232C port,
clock / calendar function and 10 k type
FP0R-T32 Control unit with RS232C port
and real clock / calendar function
■ Expansion unit replacement table
FP0
FP0R
Product name
Product name
Product No.
Part No.
Part No.
FP0-E8X
FP0-E8RS
FP0-E8RM
FP0-E8YRS
FP0-E8YT
FP0-E8YP
FP0-E16X
FP0-E16RS
FP0-E16RM
FP0-E16T
FP0-E16P
FP0-E16YT
FP0-E16YP
FP0-E32T
FP0-E32P
AFP0RE8X
AFP0RE8RS
AFP0RE8RM
AFP0RE8YRS
AFP0RE8YT
AFP0RE8YP
AFP0RE16X
AFP0RE16RS
AFP0RE16RM
AFP0RE16T
AFP0RE16P
AFP0RE16YT
AFP0RE16YP
AFP0RE32T
AFP0RE32P
AFP03003
AFP03023
AFP03013
AFP03020
AFP03040
AFP03050
AFP03303
AFP03323
AFP03313
AFP03343
AFP03353
AFP03340
AFP03350
AFP03543
AFP03553
Order
receiving
will be
discontinued
in August
2012.
FP0-E8
FP0-E16
FP0-E32
FP0R-E8
FP0R-E16
FP0R-E32
■ Compatibility between FP0 and FP0R
COMPATIBILITY
Note: The F type has no compatible functions because it does not correspond to any units of the conventional FP0 series.
●
It is recommended that Control FPWIN Pro or FPWIN GR should be used for transporting FP0 programs to FP0R.
Before an FP0 program is downloaded to FP0R, a message stating "Switch to FP0-compatible mode for the download?"
appears. If "Yes" is chosen, FP0R will automatically be set in FP0-compatible mode.
When the FP Memory Loader (AFP8670/AFP8671) is used to read a program from FP0 and transport it
to FP0R, FP0R will automatically be set into FP0-compatible mode. For the program transport to FP0R,
use FP Memory Loader Ver. 2.0 or later. (Ver. 1.1 and earlier versions are not compatible with FP0R.)
PC
Download an FP0
program into FP0R.
Switched to
FP0-compatiblemode.
The program is
downloaded.
FP Memory Loader
Switch to
FP0-compatible
mode?
Yes
FP0R has an "FP0-compatible mode". This mode provides conditions
for functions, memory areas, system registers, etc. identical to those
of FP0. If programs in FP0 are transported to FP0R, FP0R can
function identically as FP0 did (with some exceptions described
below).
The shape, outside dimensions, installation method, and the
connector pin arrangement are identical to those of FP0.
This high degree of compatibility ensures
easy and worry-free replacement of FP0
with FP0R even if the device or machine to
be manufactured is identical.
Programs
Installation
FP0
●
FP0 specification items not covered by FP0-compatible mode (See "FP0R User's Manual" for details.)
Instruction P13: EEPROM write time
Instruction F170: PWM output frequency range
High-speed counter/pulse output elapsed value
Instruction F168: Home return
Instruction F169: Pulse output
Instruction F144: Serial data communications
5 ms / block (256 blocks max.: 1,280 ms)
0.15 Hz to 1 kHz
± 24 bits
The elapsed value is not counted during home return.
"Non-counting mode" selectable
Transmittable data size: Unlimited
100 ms in units of 32 blocks (256 blocks max.: 800 ms)
* Writing even only one block takes 100 ms.
6 Hz to 1 kHz
± 32 bits
The elapsed value is counted during home return.
Counted and added even when "non-counting mode" is
selected
Transmittable data size: 2,048
Item
FP0R (FP0-compatible mode)
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com