Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 17 Page - Wiha Tools

Part # 76501
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 17 Page - Wiha Tools

Back Button 76501 Datasheet HTML 13Page - Wiha Tools 76501 Datasheet HTML 14Page - Wiha Tools 76501 Datasheet HTML 15Page - Wiha Tools 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools 76501 Datasheet HTML 18Page - Wiha Tools 76501 Datasheet HTML 19Page - Wiha Tools 76501 Datasheet HTML 20Page - Wiha Tools 76501 Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
17
Phillips Long Insert Bits. 1/4” Hex
Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
71106
2
50
10
.25
71107
3
50
10
.27
Phillips ACR Insert Bits, 1/4”
Item
No.
Size mm pkg. lbs.
71126
1
25
10
.11
Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel. 5/16” Hex Drive.
Item
No.
Size mm
lbs.
72102
2
32
.05
72103
3
32
.06
72104
4
32
.07
Phillips Long Insert Bit Packs, 2
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
71166
2
50
.06
2 bit
pack
2 bit
pack
Wiha Phillips Long Insert Bits
Wiha Phillips ACR Insert Bits
Phillips Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
Size mm pkg.
lbs.
74104
00
90
1
.32
74107
0
90
1
.32
74109
1
90
1
.34
74118
2
90
1
.47
74130
3
90
1
.53
Phillips Power Bits
1/4” Hex Drive, Length 4.33”/110mm
Item
No.
Size mm
pkg. lbs.
74111
1
110
1
.40
74121
2
110
1
.56
74131
3
110
1
.65
Phillips Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm
Item
No.
Size mm pkg. lbs.
74167
00
70
10
.29
74168
0
70
10
.29
74106
1
70
10
.29
74115
2
70
10
.37
74127
3
70
10
.41
Phillips Power Bits
1/4” Hex Drive, Length 127mm/5”
Item
No.
Size mm
pkg. lbs.
74113
1
127
1
.04
74123
2
127
1
.06
74133
3
127
1
.07
Phillips Power Bits
1/4” Hex Drive, Length 150mm/5.9”
Item
No.
Size mm
pkg. lbs.
74116
1
150
1
.05
74126
2
150
1
.07
74136
3
150
1
.09
Phillips Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
74100
00
50
10
.22
74102
0
50
10
.23
74103
1
50
10
.24
74112
2
50
10
.25
74124
3
50
10
.26
Wiha Phillips Power Bits
721
711
711
711
741
741
741
741
741
741
Wiha Phillips 5/16” Insert Bits
Phillips Power Bit Packs, 2” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
74150
Set includes the following bits:
Phillips Sizes:
wt. .09
1, 2, 3 x 2” (50mm)
Phillips Power Bit Packs, 2
”
CVM S2 modified tool steel.
Item
No.
Size mm lbs.
74157
00 50
.06
74158
0
50
.06
74164
1
50
.06
74165
2
50
.06
74166
3
50
.06
2 bit
pack
741
74150
71198
PokitPak - Slotted & Phillips Insert
Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits &
lbs.
Magnetic Bit Holder
.16
Slotted: 4.5, 6.0mm
Phillips: 0, 1, 2, 3
Wiha PokitPak Bit Set
Phillips Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm 2 bit pack
Item
No.
Size mm pkg. lbs.
73912
00
70
1
.29
73913
0
70
1
.29
73914
1
70
1
.29
73915
2
70
1
.37
73916
3
70
1
.41
739
2 bit
pack
10 bit
pack
10 bit pack
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com