Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 32 Page - Wiha Tools

Part # 76501
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 32 Page - Wiha Tools

Back Button 76501 Datasheet HTML 28Page - Wiha Tools 76501 Datasheet HTML 29Page - Wiha Tools 76501 Datasheet HTML 30Page - Wiha Tools 76501 Datasheet HTML 31Page - Wiha Tools 76501 Datasheet HTML 32Page - Wiha Tools 76501 Datasheet HTML 33Page - Wiha Tools 76501 Datasheet HTML 34Page - Wiha Tools 76501 Datasheet HTML 35Page - Wiha Tools 76501 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
Wiha Cushion Grip Pop-Up
Screwdriver Bit Sets
Pop-Up Bit Screwdriver Set
Wiha Cushion Grip handle, multi-component.
Compact storage for 12 bits in the handle. Bit
holder stainless steel, magnetic. 8.25” OAL
Slotted: 4.5, 5.5, 6.0mm
lbs.
Phillips: 1, 2, 3
.42
: T10, T15, T20,
T25, T27, T30
38032
Pop-Up Bit Screwdriver Set
Wiha Cushion Grip handle, multi-component.
Compact storage for 12 bits in the handle. Bit
holder stainless steel, magnetic. 8.25” OAL
Slotted: 4.5, 6.0mm
Square: 1, 2
lbs.
Phillips: 1, 2
.42
Hex: 4.0, 5.0, 6.0mm
: T20, T25, T30
38041
Handle
Diameter
1.45”
CushionGrip Stubby Bit Sets
SoftFinish® Cushion Grip Stubby
Bit Holder with Wiha cushion grip handle &
CVM tool steel shaft.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.0mm
Phillips: #1, #2
lbs.
Pozidriv®: #1, #2
.20
38043
SoftFinish® Cushion Grip Stubby Bit
Holder with Wiha cushion grip handle &
CVM tool steel shaft.
Set includes the following 1/4” bits:
Slotted: 4.5, 6.0mm
Phillips: #1, #2
lbs.
Square: #1, #2
.20
38048
Wiha Insulated Pop-Up
Insert Bit Sets
Insulated Pop-Up Bit Holder Set
With 1/4” Insert Bits
Insulated cushion grip multi-component handle.
Bit holder holds 1/4” Insert bits. Convenient
rotating cap.
Item
Set includes the following bits:
No.
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Square: #1, 2, 3
Pozidriv®: #1, 2, 3
lbs. .46
Blades High
quality CV
steel, through
hardened
1000Volt Rated
10,000 Volt Tested
Bit holder
securely holds
bits in place
Insulated Pop-Up Bit Holder Set
With 1/4” Insert Bits
Insulated cushion grip multi-component handle.
Bit holder holds 1/4” Insert bits. Convenient
rotating cap.
Item
Set includes the following bits:
No.
Slotted: 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Square: #1, 2, 3
: T15, T20, T25
lbs. .46
1000Volt
1000Volt
Convenient
rotating cap
38050
38050
38051
38051
Pop-Up Bit Screwdriver Set
Wiha Cushion Grip handle, multi-component.
Compact storage for 12 bits in the handle. Bit
holder stainless steel, magnetic. 8.25” OAL
Slotted: 4.5, 5.5, 6.5mm
lbs.
Phillips: 0, 1, 2
.42
: T6, T15, T20, T25
Security
: T8s, T10s
38035
NOTES:
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com