Electronic Components Datasheet Search
  English  ▼

X  

76501 Datasheet(PDF) 20 Page - Wiha Tools

Part # 76501
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76501 Datasheet(HTML) 20 Page - Wiha Tools

Back Button 76501 Datasheet HTML 16Page - Wiha Tools 76501 Datasheet HTML 17Page - Wiha Tools 76501 Datasheet HTML 18Page - Wiha Tools 76501 Datasheet HTML 19Page - Wiha Tools 76501 Datasheet HTML 20Page - Wiha Tools 76501 Datasheet HTML 21Page - Wiha Tools 76501 Datasheet HTML 22Page - Wiha Tools 76501 Datasheet HTML 23Page - Wiha Tools 76501 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
Hex Inch Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Inch
mm
pkg. lbs.
74311
3/32 50
10
.30
74312
7/64 50
10
.30
74313
1/8
50
10
.30
74314
9/64 50
10
.30
74315
5/32 50
10
.30
74316
3/16 50
10
.30
74317
7/32 50
10
.30
74318
1/4
50
10
.30
743
Hex Metric Power Bits. 1/4” Hex
Drive, Length 2.0”/50mm
Item
No.
mm
mm pkg. lbs.
74325
2.5
50
10
.25
74330
3.0
50
10
.25
74340
4.0
50
10
.25
74350
5.0
50
10
.25
74360
6.0
50
10
.25
74380
8.0
50
10
.38
743
Hex Metric Power Bit Packs, 2”
Item
No.
mm mm lbs.
74361
2.5 50
.07
74362
3.0 50
.07
74363
4.0 50
.07
74364
5.0 50
.07
74365
6.0 50
.07
74366
8.0 50
.09
743
2 bit
pack
Hex Inch Power Bit Packs, 2”
Item
No.
Inch mm lbs.
74381
3/32 50 .07
74382
7/64 50 .07
74383
1/8
50 .07
74384
9/64 50 .07
74385
5/32 50 .07
74386
3/16 50 .07
74387
7/32 50 .07
74388
1/4
50 .07
743
2 bit
pack
Hex Inch Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Inch
mm
pkg. lbs.
74342
3/32 70
10
.36
74343
7/64 70
10
.36
74344
1/8
70
10
.36
74345
9/64 70
10
.36
74346
5/32 70
10
.36
74348
7/32 70
10
.36
74349
1/4
70
10
.36
743
Hex Metric Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
mm
mm
pkg. lbs.
74351
2.0
70
10
.36
74352
2.5
70
10
.36
74353
3.0
70
10
.36
74354
4.0
70
10
.36
74355
5.0
70
10
.36
74356
6.0
70
10
.36
74357
8.0
70
10
.36
743
Wiha Hex Inch & Metric Power Bits
Wiha Ball End Hex Inch Insert Bits
Ball End Hex Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71701
3/32
25
10
.12
71702
7/64
25
10
.12
71703
1/8
25
10
.12
71704
9/64
25
10
.12
71705
5/32
25
10
.12
71706
3/16
25
10
.13
71707
7/32
25
10
.14
71708
1/4
25
10
.15
717
Ball End Hex Inch Insert Bit Packs, 1
”
Item
No.
Inch
mm
lbs.
71711
3/32
25
.03
71712
7/64
25
.03
71713
1/8
25
.03
71714
9/64
25
.03
71715
5/32
25
.04
71716
3/16
25
.04
71717
7/32
25
.04
71718
1/4
25
.04
717
2 bit
pack
Ball End Hex Metric Insert Bits
1/4” Hex Drive, Length 1.5”/38mm
Item
No.
mm
mm pkg.
71719
1.5
38
2
71720
2.0
38
2
71721
2.5
38
2
71722
3.0
38
2
71723
4.0
38
2
71724
5.0
38
2
71725
6.0
38
2
717
Hex Metric Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
mm
mm
pkg. lbs.
74332
2.0
90
1
.40
74333
2.5
90
1
.40
74334
3.0
90
1
.40
74335
4.0
90
1
.40
74336
5.0
90
1
.40
74337
6.0
90
1
.40
743
Hex Inch Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Inch
mm
pkg. lbs.
73919
3/32 70
1
.36
73920
7/64 70
1
.36
73921
1/8
70
1
.36
73922
9/64 70
1
.36
73923
5/32 70
1
.36
73924
3/16 70
1
.36
73925
7/32 70
1
.36
73926
1/4
70
1
.36
739
Hex Metric Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
mm
mm
pkg. lbs.
73928
2.0
70
1
.36
73929
2.5
70
1
.36
73930
3.0
70
1
.36
73931
4.0
70
1
.36
73932
5.0
70
1
.36
73933
6.0
70
1
.36
73934
8.0
70
1
.36
739
2 bit
pack
2 bit
pack
10 bit
pack
10 bit
pack
10 bit
pack
10 bit pack
10 bit pack
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com