Electronic Components Datasheet Search
  English  ▼

X  

LTC3542 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3542
Description  500mA, 2.25MHz Synchronous Step-Down Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3542 Datasheet(HTML) 4 Page - Analog Devices

  LTC3542 Datasheet HTML 1Page - Analog Devices LTC3542 Datasheet HTML 2Page - Analog Devices LTC3542 Datasheet HTML 3Page - Analog Devices LTC3542 Datasheet HTML 4Page - Analog Devices LTC3542 Datasheet HTML 5Page - Analog Devices LTC3542 Datasheet HTML 6Page - Analog Devices LTC3542 Datasheet HTML 7Page - Analog Devices LTC3542 Datasheet HTML 8Page - Analog Devices LTC3542 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3542
4
3542fa
Start-Up from Shutdown
Load Step
Reference Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
RUN
2V/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 500mA
FIGURE 3a CIRCUIT
400
μs/DIV
3542 G04
VOUT
1V/DIV
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 30mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G05
ILOAD
500mA/DIV
Load Step
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G06
ILOAD
500mA/DIV
TEMPERATURE (
°C)
–50
0.6100
0.6075
0.6050
0.6025
0.6000
0.5975
0.5950
0.5925
0.5900
0.5875
0.5850
0.5825
0.6125
0.6150
0
50
75
3542 G07
–25
25
100
125
INPUT VOLTAGE (V)
2
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
3
4
4.5
3542 G10
–0.3
0.3
0.4
0.1
2.5
3.5
5
5.5
6
VOUT = 1.8V
IOUT = 100mA
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
3542 G11
–1.0
–0.5
0.5
1.5
–1.5
–2.0
Burst Mode
OPERATION
VIN = 3.6V
VOUT = 1.8V
PULSE SKIP
MODE
VIN (V)
1
0
0.1
0.3
0.4
0.5
5
0.9
3542 G12
0.2
3
26
47
0.6
0.7
0.8
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50 –30 –10 10
30
50
70
90 110
1.8
1.9
2.1
2.2
2.3
2.7
3542 G08
2.0
2.4
2.5
2.6
SUPPLY VOLTAGE (V)
2.2
2.3
2.4
56
3542 G09
2.1
2.0
1.8
2
3
4
1.9
2.7
2.5
2.6
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com