Electronic Components Datasheet Search
  English  ▼

X  

LTC3542 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3542
Description  500mA, 2.25MHz Synchronous Step-Down Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3542 Datasheet(HTML) 3 Page - Analog Devices

  LTC3542 Datasheet HTML 1Page - Analog Devices LTC3542 Datasheet HTML 2Page - Analog Devices LTC3542 Datasheet HTML 3Page - Analog Devices LTC3542 Datasheet HTML 4Page - Analog Devices LTC3542 Datasheet HTML 5Page - Analog Devices LTC3542 Datasheet HTML 6Page - Analog Devices LTC3542 Datasheet HTML 7Page - Analog Devices LTC3542 Datasheet HTML 8Page - Analog Devices LTC3542 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3542
3
3542fa
TYPICAL PERFORMANCE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. No pin should exceed 6V.
Note 2: The LTC3542 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3542I is guaranteed over the full
–40°C to 125°C operating temperature range.
Note 3: Failure to solder the Exposed Pad of the package to the PC board
will result in a thermal resistance much higher than 102°C/W.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown
VFB = 0.5V
VFB = 0.7V, MODE = 0V
RUN = 0V
26
0.1
500
35
1
μA
μA
μA
fOSC
Oscillator Frequency
VFB = 0.6V
●
1.8
2.25
2.7
MHz
fSYNC
Synchronous Frequency
VFB = 0.6V
1
3
MHz
ILIM
Peak Switch Current
VIN = 3V, VFB = 0.5V, Duty Cycle < 35%
650
1000
mA
RDS(ON)
P-Channel On Resistance (Note 6)
N-Channel On Resistance (Note 6)
ISW = 100mA
ISW = –100mA
0.5
0.35
0.65
0.55
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VSW = 0V or 5V
±0.01
±1
μA
VUVLO
Undervoltage Lockout Threshold
VIN Rising
VIN Falling
1.8
2.0
1.9
2.3
V
V
VRUN
RUN Threshold
●
0.3
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
μA
VMODE/SYNC
MODE/SYNC Threshold
●
0.3
1.2
V
IMODE/SYNC
MODE/SYNC Leakage Current
●
±0.01
±1
μA
Note 4: The converter is tested in a proprietary test mode that connects
the output of the error amplifier to the SW pin, which is connected to an
external servo loop.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 6: The DFN switch on resistance is guaranteed by correlation to wafer
level measurements.
Note 7: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD) • (θJA).
Burst Mode Operation
Pulse Skip Mode Operation
Start-Up from Shutdown
SW
2V/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
FIGURE 3a CIRCUIT
2
μs/DIV
3542 G01
VOUT
50mV/DIV
AC COUPLED
IL
100mA/DIV
SW
2V/DIV
IL
100mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
FIGURE 3a CIRCUIT
400ns/DIV
3542 G02
VOUT
50mV/DIV
AC COUPLED
RUN
2V/DIV
IL
100mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
FIGURE 3a CIRCUIT
400
μs/DIV
3542 G03
VOUT
1V/DIV
TA = 25°C unless otherwise specified.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com