Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 5 Page - Analog Devices

  LTC4366 Datasheet HTML 1Page - Analog Devices LTC4366 Datasheet HTML 2Page - Analog Devices LTC4366 Datasheet HTML 3Page - Analog Devices LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4366
For more information www.analog.com
5
Rev. F
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. All voltages relative to VSS, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FB, SD, TIMER
VFB(REG)
3% FB pin Regulation Threshold (OUT – FB)
l
1.193
1.23
1.267
V
IFB
FB Pin Leakage Current
OUT – FB = 1.2V
l
0
±1
µA
VSD(TH)
SD Pin Threshold Voltage (VDD – SD)
Falling
l
1.0
1.5
2.3
V
VSD(HYST)
SD Pin Hysteresis
l
129
260
530
mV
ISD
SD Pin Input Pull-Up Current
VDD – SD = 0.7V
l
–0.5
–1.6
–3.5
µA
VTIMER(H)
TIMER Pin Threshold
TIMER Rising, VDD = 7V, OUT = VZ(OUT) l
2.5
2.7
3.1
V
ITIMER(UP)
TIMER Pin Pull-Up Current
TIMER = 1V
LTC4366C/I/H
LTC4366MP
l
l
–5.1
–4
–9
–9
–13
–13
µA
µA
ITIMER(DN)
TIMER Pin Pull-Down Current
TIMER = 1V
l
0.7
1.8
2.8
µA
ITIMER(RATIO) TIMER Pin Current Ratio ITIMER(DN)/ITIMER(UP)
l
15
20
25
%
AC Characteristics
tDLY – SD
SD Low to Gate Low Filter Time
Step VDD – SD from 0V to 3V
l
420
700
1200
µs
tDLY – FAST
FB Low to Gate Low Delay Time
Step OUT – FB from 0V to 1.3V
l
60
150
300
ns
tD(COOL)
Cool-Down Timer (Internal)
VDD = VZ(VDD)
LTC4366MP
l
5.9
10
19
Seconds
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive.
Note 3: Limits on the maximum rating is defined as whichever limit occurs
first. An internal clamp limits the GATE pin to a maximum of 12V above
source. Driving this pin to voltages beyond the clamp may damage the
device.
Note 4: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the formula:
TJ = TA + (PD • θJA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com