Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices LTC4366 Datasheet HTML 23Page - Analog Devices LTC4366 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTC4366
For more information www.analog.com
23
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
1/12
Added Patents Pending statement
Revised Figure 4 in Applications Information section
1
11
B
2/12
Removed reference to overcurrent faults under MOSFET Selection
Fixed orientation of M2 in Figure 8
13
18
C
8/12
Updated Shutdown current from <20µA to <14µA
Changed MOSFET part number and Gate Capacitor value used in the Typical Application
Added MP-grade order information and specifications
Added negative sign to graphs G12 x-axis and G18, G21 y-axis
Changed MOSFET part number in Figure 1 and Figure 6
Added section GATE Capacitor, CG
Changed ILOAD current from 5A to 3A in Design Example
Updated C1(MAX) values in Step 5 calculations to 0.27µF and worst case 0.49µF
Updated calculated values in Step 7, added supporting text
Changed MOSFET part number and GATE capacitor used in Figure 7
1
1
2, 3, 4, 5
6, 7
11, 16
15
16
18
19
19
D
8/13
Simplified Diagram: Corrected amplifier’s input polarity in Regulate Diagram
Functional Diagram: Added switch in series with TIMER pull-down current
9
9
E
8/15
Clarified “Ambient” on Operating Temperature Range; raised TJMAX to 150°C
TIMER Pin Function: Changed 278ms/µF to 311ms/µF
Figures 1, 6, 8: Changed CT to 8.2nF from 10nF
In CT equation, changed constant to 3.2 from 3.5; updated CT calculation
2
8
11, 16, 20
12, 19
F
2/24
Updated Electrical Characteristics table
4, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com