Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4366
For more information www.analog.com
14
Rev. F
APPLICATIONS INFORMATION
pin, and finally the current from the VSS pin (see Figure 5).
VIN(MIN) = (IVDD • RIN) + VD + VTH + VC1 + (IVSS • RSS)
Using the Electrical Characteristics table for above
parameters:
VC1 = VUVLO2 = 4.75V (UVLO2 threshold)
IVDD = IVDD(STHI) = 9µA (IVDD start-up, gate high)
IVSS = IVSS(AMP) = 45µA (IVSS w/regulation amp)
VD = 0.58V
VIN(MIN)=(9µA•RIN)+0.58V+VTH+4.75V+(45µA • RSS)
When the MOSFET gate is fully enhanced, the OUT pin
voltage is equal to the supply voltage. This places another
constraint on the minimum supply voltage because the
charge pump increases the VSS current to 160µA. The C1
voltage is assumed to be clamped at 5.7V. These values
are specified as VZ(OUT) and IVSS(CP) (charge pump on)
in the table of Electrical Characteristics:
VIN(MIN) = VZ(OUT) + (IVSS(CP) • RSS)
or
VIN(MIN) = 5.7V + (160µA • RSS)
The last VIN(MIN) equation sets the maximum value for
RSS. After choosing RSS the maximum value for RIN (for
that particular RSS) is calculated from the first VIN(MIN)
equation:
RSS(MAX) =
VIN(MIN) – 5.7V
160µA
RIN(MAX) =
VIN(MIN) – 4.75V – 0.58V – VTH – 45µA •RSS
(
)
9µA
These two equations maximize the values of RSS and
RIN (reducing power dissipation) while still providing
the necessary VC1 voltage to turn the charge pump on.
Increasing the supply voltage beyond the minimum sup-
ply voltage increases the current and power in RSS while
reducing the time required to charge C1. Conditions that
may require an even smaller RSS(MAX) will be discussed
in the Maximum Supply Start-Up section.
Maximum Supply Start-Up
The maximum overvoltage supply may also exist during
start-up. The overvoltage protection circuitry has to wake
up before high voltage is passed to the load. Dynamically
the GATE is ramping up while C1 is charging. Capacitor
C1 must charge to the 2.55V UVLO1 threshold to turn on
the regulation amplifier and reference before the OUT pin
voltage exceeds the overvoltage regulation point, VREG.
These conditions may reduce the value of RSS below the
maximum value dictated by the minimum supply start-up
discussed above.
When current in RSS exceeds the current sourced from
the VSS pin (essentially IRIN), the capacitor C1 begins to
charge. The voltage at the VSS pin when IRIN = IRSS is now
labeled VSS(MATCH). The VSS pin voltage is the center of a
voltage divider between RIN and RSS after the Zener clamp
voltage from VDD to VSS is subtracted from the supply.
VSS(MATCH) =
RSS
RSS +RIN
• VIN(MAX) – VZ(VDD)
(
)
As VIN increases the VSS(MATCH) voltage increases. If the
match voltage exceeds the overvoltage regulation point
(VREG), then load is unprotected. This is true because
C1 will still need to charge to 2.55V while VSS already
M1
GATE
D1
7.5µA
CG
VDD
RIN
IRIN
VIN
Z3
5.7V
Z1
12V
IBIAS
ISHUNT2
9µA
ISHUNT1
IC1
IRSS
VOUT
OUT
RLOAD
436612 F05
RSS
VSS
CIRCUITS
LOGIC
TIMER
VC1
C1
+
–
Figure 5. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com