Electronic Components Datasheet Search
  English  ▼

X  

HTMS1X01 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # HTMS1X01
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1X01 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button HTMS1X01 Datasheet HTML 14Page - NXP Semiconductors HTMS1X01 Datasheet HTML 15Page - NXP Semiconductors HTMS1X01 Datasheet HTML 16Page - NXP Semiconductors HTMS1X01 Datasheet HTML 17Page - NXP Semiconductors HTMS1X01 Datasheet HTML 18Page - NXP Semiconductors HTMS1X01 Datasheet HTML 19Page - NXP Semiconductors HTMS1X01 Datasheet HTML 20Page - NXP Semiconductors HTMS1X01 Datasheet HTML 21Page - NXP Semiconductors HTMS1X01 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
18 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.3 Downlink communication signal interface - RWD to HITAG µ
transponder IC
11.3.1 Modulation parameters
Communications between RWD and HITAG µ transponder IC takes place using ASK
modulation with a modulation index of m > 90%.
[1]
TF3 shall not exceed TFd0 - TF1 - 3  Tc
[2]
TC...Carrier period time (kHz = 7.45 s nominal)
Fig 6.
Modulation details of data transmission from RWD to HITAG µ transponder IC
Table 12.
Modulation coding times[1][2]
Symbol
Min
Max
m = (a-b)/(a+b)
90%
100%
TF1
4
 T
c
10
 T
c
TF2
00.5
 T
F1
TF3
00.5
 T
Fd0
x0
0.05
 a
y0
0.05
 a
001aaj826
TF2
TF1
TF3
b
x
a
envelope of transceiver field
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com