Electronic Components Datasheet Search
  English  ▼

X  

HTMS1X01 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HTMS1X01
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1X01 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HTMS1X01 Datasheet HTML 16Page - NXP Semiconductors HTMS1X01 Datasheet HTML 17Page - NXP Semiconductors HTMS1X01 Datasheet HTML 18Page - NXP Semiconductors HTMS1X01 Datasheet HTML 19Page - NXP Semiconductors HTMS1X01 Datasheet HTML 20Page - NXP Semiconductors HTMS1X01 Datasheet HTML 21Page - NXP Semiconductors HTMS1X01 Datasheet HTML 22Page - NXP Semiconductors HTMS1X01 Datasheet HTML 23Page - NXP Semiconductors HTMS1X01 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
20 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.3.3 RWD - Start of frame pattern
The RWD requests in the data exchange mode always a start with a SOF pattern for ease
of synchronization. The SOF pattern consists of an encoded data bit ’0’ and a ’code
violation’.
The HITAG µ advanced/advanced+ is ready to receive a SOF from the RWD within
1.2 ms after having sent a response to the RWD.
The HITAG µ advanced/advanced+ is ready to receive a SOF or switch command from
the RWD within 2.33 ms after the RWD has established the powering field.
11.3.4 RWD - End of frame pattern
For slot switching during a multi-slot anticollision sequence, the RWD request is an EOF
pattern. The EOF pattern is represented by a RWD ’Stop condition’.
Fig 8.
Start of frame pattern
001aaj828
carrier on
TFd0
TFpSOF
TF1
carrier off
TF1
TF1
TFcv
data "0"
"code violation"
Fig 9.
End of frame pattern
001aaj829
carrier on
TFpEOF
TF1
carrier off
TFsc
"stop condition''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com