Electronic Components Datasheet Search
  English  ▼

X  

HTMS1X01 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # HTMS1X01
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1X01 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button HTMS1X01 Datasheet HTML 15Page - NXP Semiconductors HTMS1X01 Datasheet HTML 16Page - NXP Semiconductors HTMS1X01 Datasheet HTML 17Page - NXP Semiconductors HTMS1X01 Datasheet HTML 18Page - NXP Semiconductors HTMS1X01 Datasheet HTML 19Page - NXP Semiconductors HTMS1X01 Datasheet HTML 20Page - NXP Semiconductors HTMS1X01 Datasheet HTML 21Page - NXP Semiconductors HTMS1X01 Datasheet HTML 22Page - NXP Semiconductors HTMS1X01 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
19 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
11.3.2 Data rate and data coding
The RWD to HITAG µ transponder IC communication uses Pulse Interval Encoding. The
RWD creates pulses by switching the carrier off as described in Figure 7. The time
between the falling edges of the pulses determines either the value of the data bit ’0’, the
data bit ’1’, a code violation or a stop condition.
Assuming equal distributed data bits ’0’ and ’1’, the data rate is in the range of about
5.2 kbit/s.
[1]
TC...Carrier period time (kHz = 7.45 s nominal)
Fig 7.
Reader to HITAG µ transponder IC: Pulse Interval Encoding
Table 13.
Data coding times [1]
Meaning
Symbol
Min
Max
Carrier off time
TF1
4
 T
c
10
 T
c
Data “0” time
TFd0
18
 T
c
22
 T
c
Data “1” time
TFd1
26
 T
c
30
 T
c
Code violation time
TFcv
34
 T
c
38
 T
c
Stop condition time
TFsc
 42  T
c
n/a
001aaj827
carrier on
TF1
carrier off
TFsc
"stop condition''
carrier on
TF1
carrier off
TF1
TFcv
"code violation''
carrier on
TF1
carrier off
TF1
TFd1
data "1''
carrier on
TF1
carrier off
TF1
TFd0
data "0''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com