Electronic Components Datasheet Search
  English  ▼

X  

STAND FOR Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # STAND FOR
Description  Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

STAND FOR Datasheet(HTML) 3 Page - PHOENIX CONTACT

  STAND FOR Datasheet HTML 1Page - PHOENIX CONTACT STAND FOR Datasheet HTML 2Page - PHOENIX CONTACT STAND FOR Datasheet HTML 3Page - PHOENIX CONTACT STAND FOR Datasheet HTML 4Page - PHOENIX CONTACT STAND FOR Datasheet HTML 5Page - PHOENIX CONTACT STAND FOR Datasheet HTML 6Page - PHOENIX CONTACT STAND FOR Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/au/products/1104780
07/24/2019   Page 3 / 7
Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
Accessories
Accessories
Screwdriver tools
Screwdriver - SF-TXH 10X80 - 1200149
Screwdriver, Torx® with bore hole, TX 10 x 80, two-component handle
 
 
Screw insert - SF-BIT-TX 10-50 - 1212573
Screw bit, Torx®, E6.3-1/4" drive, size: TX 10 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO
1173
 
 
Torque tool
Battery-powered screwdriver - SF-ASD 21 - 1212532
Cordless screwdriver, incl. 1.5 Ah battery, forward/reverse running, 21-stage coupling, up to 600 rpm, 6.3 mm
hexagonal fast connection drill chuck, torque can be adjusted from 0.3 ... 4.4 Nm
 
 
Torque screwdriver - TSD-M 1,2NM - 1212224
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ‑ 1.2 Nm
 
 
Additional products
Mounting set - UCS GD 9005 - 2203401
Adhesive screw boss, for securing the printed-circuit board, material: polyamide; content 4 pieces with screws 2.5 x 8
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com