Electronic Components Datasheet Search
  English  ▼

X  

STAND FOR Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # STAND FOR
Description  Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

STAND FOR Datasheet(HTML) 5 Page - PHOENIX CONTACT

  STAND FOR Datasheet HTML 1Page - PHOENIX CONTACT STAND FOR Datasheet HTML 2Page - PHOENIX CONTACT STAND FOR Datasheet HTML 3Page - PHOENIX CONTACT STAND FOR Datasheet HTML 4Page - PHOENIX CONTACT STAND FOR Datasheet HTML 5Page - PHOENIX CONTACT STAND FOR Datasheet HTML 6Page - PHOENIX CONTACT STAND FOR Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/au/products/1104780
07/24/2019   Page 5 / 7
Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
Accessories
Corner inlay - UCS CC 9005 - 2203396
Corner inlay for UCS housings, material: polyamide, color: black, similar to RAL 9005
 
 
Screw set - UCS SF 3,5X20 - 2203402
Screw set for creating a UCS housing of height 47 mm
 
 
Screw set - UCS SF 3,5X40 - 2203403
Screw set for creating a UCS housing of height 67 mm
 
 
Wall bracket - UCS WM-B 7035 - 2203718
Adapter for mounting the UCS housing on the wall, material: polyamide, color: light gray similar to RAL 7035, used
instead of UCS CC corner insert; only used in conjunction with UCS GD 9005 adhesive pad
 
 
Wall bracket - UCS WM-B 9005 - 2203719
Adapter for mounting the UCS housing on the wall, material: polyamide, color: black similar to RAL 9005, used
instead of UCS CC corner insert; only used in conjunction with UCS GD 9005 adhesive pad
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com