Electronic Components Datasheet Search
  English  ▼

X  

STAND FOR Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # STAND FOR
Description  Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

STAND FOR Datasheet(HTML) 2 Page - PHOENIX CONTACT

  STAND FOR Datasheet HTML 1Page - PHOENIX CONTACT STAND FOR Datasheet HTML 2Page - PHOENIX CONTACT STAND FOR Datasheet HTML 3Page - PHOENIX CONTACT STAND FOR Datasheet HTML 4Page - PHOENIX CONTACT STAND FOR Datasheet HTML 5Page - PHOENIX CONTACT STAND FOR Datasheet HTML 6Page - PHOENIX CONTACT STAND FOR Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/au/products/1104780
07/24/2019   Page 2 / 7
Electronic housing - UCS 237-195-F-GD-RPI-DT7 7035 - 1104780
Technical data
Material specifications
Housing material
PC
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 55 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (depending on power dissipation)
Relative humidity (storage/transport)
80 %
PCB data
Type of PCB mount
Bolt mounting
General information
Note
The housing can be opened a maximum of 10 times.
Attach the adhesive pads: Make sure that the surface of the housing is
clean, dry, and free of grease. Temperature range: +18°C  ... +30°C /
Closing pressure force: 60 N / Closing pressure time: 3 s
Note on mounting
Tightening torque / rotational speed
Screw connection between housing halves: 1.2 Nm-1.4 Nm / 500
rpm-1000 rpm
Mounting of PCB on corner feeder: 0.4 Nm-0.5 Nm / 500 rpm-1000 rpm
Drive form screw head
Screw connection between housing halves: Slotted Torx®(T10)
Mounting the PCB: Slotted Torx®(T7)
Packaging information
Pieces per package
1
Denomination packing units
Pcs.
Standards and regulations
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 5.1
27180506
eCl@ss 6.0
27180800
eCl@ss 7.0
27182702
eCl@ss 8.0
27182702
eCl@ss 9.0
27182702
ETIM
ETIM 5.0
EC001031
ETIM 6.0
EC001031
ETIM 7.0
EC001031



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com