Electronic Components Datasheet Search
  English  ▼

X  

E751 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # E751
Description  Transient/Surge Absorbers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

E751 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  E751 Datasheet HTML 1Page - Panasonic Semiconductor E751 Datasheet HTML 2Page - Panasonic Semiconductor E751 Datasheet HTML 3Page - Panasonic Semiconductor E751 Datasheet HTML 4Page - Panasonic Semiconductor E751 Datasheet HTML 5Page - Panasonic Semiconductor E751 Datasheet HTML 6Page - Panasonic Semiconductor E751 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
Reference Guide to Standard Products
Part No.
Applicable
Standards
Varistor
Voltage
at 1 mA
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20µs
Maximum
Peak Current
at 8/20µs(A)
Recommended Applications
Type
Name
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A)
85 °C
1 time
125 °C
1 time
125 °C
2 time
ERZE14A201S1 E14201 ○☆★◇◆
200
(185 to 225)
130
170
340
100
10000
7500
6500
AC 100 V
Line–Line Applications
ERZE14A221S1 E14221 ○☆★◇◆
220
(198 to 242)
140
180
360
100
10000
7500
6500
ERZE14A241S1 E14241 ○☆★◇◆
240
(216 to 264)
150
200
395
100
10000
7500
6500
AC 100 V to 120 V,
Line–Line Applications
ERZE14A271S1 E14271 ○☆★◇◆
270
(247 to 303)
175
225
455
100
10000
7500
6500
ERZE14A331S1 E14331 ○☆★◇◆
330
(297 to 363)
210
270
545
100
10000
7500
6500
AC 100 V to 120 V,
Line–Line Applications
Telephone Line Applications,
(For DC 250 V Insulation
Resistance Test)
ERZE14A361S1 E14361 ○☆★◇◆
360
(324 to 396)
230
300
595
100
10000
7500
6500
ERZE14A391S1 E14391 ○☆★◇◆
390
(351 to 429)
250
320
650
100
10000
7500
6500
ERZE14A431S1 E14431 ○☆★◇◆
430
(387 to 473)
275
350
710
100
10000
7500
6500
AC 100 V to 220 V,
Line–Line and
Line–Ground Applications
ERZE14A471S1 E14471 ○☆★◇◆
470
(423 to 517)
300
385
775
100
10000
7500
6500
ERZE14A511S1 E14511 ○☆★◇◆
510
(459 to 561)
320
410
845
100
10000
7500
6500
AC 100 V to 240 V,
Line–Line and
Line–Ground Applications
ERZE14A561S1 E14561 ○☆★◇◆
560
(504 to 616)
350
450
930
100
10000
7500
6500
ERZE14A621S1 E14621 ○☆★◇◆
620
(558 to 682)
385
505
1025
100
7500
7500
6500
ERZE14A681S1 E14681 ○☆★◇◆
680
(612 to 748)
420
560
1120
100
7500
7500
6500
ERZE14A751S1 E14751 ○☆★◇◆
750
(675 to 825)
460
615
1240
100
7500
7500
6500
AC 380 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE14A821S1 E14821 ○☆★◇◆
820
(738 to 902)
510
670
1355
100
7500
7500
6500
ERZE14A911S1 E14911 ○☆★◇◆
910
(819 to 1001)
550
745
1500
100
7500
7500
6500
AC 415 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE14A102S1 E14102 ○☆★◇◆
1000
(900 to 1100)
625
825
1650
100
7500
7500
6500
AC 480 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE14A112S1 E14112 ○☆★◇◆
1100
(990 to 1210)
680
895
1815
100
7500
7500
6500
Maximum Allowable Voltage and Maximum Peak Current at 8/20 µs(A) at 125 °C
◯ : UL1449 (VZCA2/UL, VZCA8/C-UL), ☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q, IEC62368-1 G8.2),
◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898)
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Jan. 2019
00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com