Electronic Components Datasheet Search
  English  ▼

X  

E751 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # E751
Description  Transient/Surge Absorbers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

E751 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  E751 Datasheet HTML 1Page - Panasonic Semiconductor E751 Datasheet HTML 2Page - Panasonic Semiconductor E751 Datasheet HTML 3Page - Panasonic Semiconductor E751 Datasheet HTML 4Page - Panasonic Semiconductor E751 Datasheet HTML 5Page - Panasonic Semiconductor E751 Datasheet HTML 6Page - Panasonic Semiconductor E751 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
10000
1000
100
10
1
20
100
1000
Impulse Width (µs)
10000
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
10
4Times
10
5Times
10
6Times
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
511
271
201
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
511
471
431
391
361
331
271
241
221
201
Max.
Leakage Current
Max. Clamping Voltage
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 µs
471
431
391
361
241
331
221
5000
4000
3000
2000
1000
900
800
700
600
500
400
300
200
112
751
681
621
561
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
112
102
911
751
681
621
561
821
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 µs
Max.
Leakage Current
Max. Clamping Voltage
102
911
821
10000
1000
100
10
20
100
1000
10000
1
Impulse Width (µs)
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
10
5Times
10
6Times
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
ERZE14A561S1 to ERZE14A112S1
ERZE14A201S1 to ERZE14A511S1
ERZE14A561S1 to ERZE14A112S1
ERZE14A201S1 to ERZE14A511S1
Jan. 2019
00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com