Electronic Components Datasheet Search
  English  ▼

X  

E751 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # E751
Description  Transient/Surge Absorbers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

E751 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  E751 Datasheet HTML 1Page - Panasonic Semiconductor E751 Datasheet HTML 2Page - Panasonic Semiconductor E751 Datasheet HTML 3Page - Panasonic Semiconductor E751 Datasheet HTML 4Page - Panasonic Semiconductor E751 Datasheet HTML 5Page - Panasonic Semiconductor E751 Datasheet HTML 6Page - Panasonic Semiconductor E751 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
E
1
R
2
Z
3
EA
S
4
567
89
10
Product Code
11
12
Series
Lead Configuration
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Nominal Varistor Voltage
Packaging
Bulk
Lead Configuration
Straight Lead
Symbol
A
Series E14-S1
E14
Design No.
Long lead type
 
Lead cut type
S1
SC
“ZNR” Transient/Surge Absorbers
Type:
D
Series: E-S1
Explanation of Part Numbers
Features
Recommended Applications
Applicable Standards
● Large withstanding surge current capability in compact sizes
● Withstanding surge current at max. 125 °C
● Large “Energy Handling Capability” absorbing transient overvoltages in compact sizes
● Wide range of varistor voltages
● RoHS compliant
● Transistor, diode, IC, thyristor or triac semiconductor protection
● Surge protection in consumer electronic equipment
● Surge protection in communication, measuring or controller electronics
● Surge protection in electronic home appliances, gas or petroleum appliances
● UL1449 (VZCA2/UL, VZCA8/C-UL)
● VDE IEC61051-1, -2, -2-2, IEC60950-1 Annex.Q, IEC62368-1 G8.2
● CQC(GB/T10193, GB/T10194, GB4943.1, GB8898)
Refer to “Reference Guide to Standard Products”, and “Application Note for Safety Standards” for the details
■ As for Handling Precautions
Please see Related Information
“ZNR” Transient/Surge Absorber, Series E-S1, improves E
series products with high capability for absorbing transient
overvoltage in a compact size, suitable for surge protection
at high temperature.
Jan. 2019
00


Similar Part No. - E751

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
E7512-BLUE-L MULTICOMP-E7512-BLUE-L Datasheet
220Kb / 2P
E Series Bootlace Ferrules
13/05/24 V1.1
E7512-L-BLUE MULTICOMP-E7512-L-BLUE Datasheet
109Kb / 1P
Cable Ferrule - Insulated 0.75mm2
18/11/20 V1.0
E7512-L-WHITE MULTICOMP-E7512-L-WHITE Datasheet
109Kb / 1P
Cable Ferrule - Insulated 0.75mm2
18/11/20 V1.0
E7512-WHITE-L MULTICOMP-E7512-WHITE-L Datasheet
220Kb / 2P
E Series Bootlace Ferrules
13/05/24 V1.1
logo
Keysight Technologies
E7515A KEYSIGHT-E7515A Datasheet
1Mb / 7P
VoLTE Battery Test, Reference Solution
More results

Similar Description - E751

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
ZNR??Transient/Surge Absorbers
ERZ-VA7D680 PANASONIC-ERZ-VA7D680 Datasheet
366Kb / 20P
?쏾NR??Transient/Surge Absorbers
ERZ-VA9V221 PANASONIC-ERZ-VA9V221 Datasheet
421Kb / 20P
?쏾NR??Transient/Surge Absorbers
ERZ-VA7D471 PANASONIC-ERZ-VA7D471 Datasheet
366Kb / 20P
?쏾NR??Transient/Surge Absorbers
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
?쏾NR??Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
ZNR Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
ZNR Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com