Electronic Components Datasheet Search
  English  ▼

X  

MPC17510 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC17510
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC17510 Datasheet HTML 1Page - NXP Semiconductors MPC17510 Datasheet HTML 2Page - NXP Semiconductors MPC17510 Datasheet HTML 3Page - NXP Semiconductors MPC17510 Datasheet HTML 4Page - NXP Semiconductors MPC17510 Datasheet HTML 5Page - NXP Semiconductors MPC17510 Datasheet HTML 6Page - NXP Semiconductors MPC17510 Datasheet HTML 7Page - NXP Semiconductors MPC17510 Datasheet HTML 8Page - NXP Semiconductors MPC17510 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
NXP Semiconductors
17510
1
Orderable parts
Table 1. Orderable part variations (1)
Part number
Temperature (TA)
Package
MPC17510AEJ
-30 °C to 65 °C
20 TSSOP (exposed pad)
MPC17510EJ (2)
24 TSSOPW
Notes
1.
To order parts in Tape & Reel, add the R2 suffix to the part number.
2.
Not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com