Electronic Components Datasheet Search
  English  ▼

X  

MPC17510 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC17510
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC17510 Datasheet HTML 3Page - NXP Semiconductors MPC17510 Datasheet HTML 4Page - NXP Semiconductors MPC17510 Datasheet HTML 5Page - NXP Semiconductors MPC17510 Datasheet HTML 6Page - NXP Semiconductors MPC17510 Datasheet HTML 7Page - NXP Semiconductors MPC17510 Datasheet HTML 8Page - NXP Semiconductors MPC17510 Datasheet HTML 9Page - NXP Semiconductors MPC17510 Datasheet HTML 10Page - NXP Semiconductors MPC17510 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NXP Semiconductors
7
17510
4.2
Dynamic electrical characteristics
4.3
Timing diagrams
Figure 4. tPLH, tPHL, and tPZH timing
Figure 5. Low-voltage detection timing
Table 5. Dynamic electrical characteristics
Characteristics noted under conditions TA = 25 °C, VM = 15 V, VDD = 5.0 V, GND = 0 V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25 °C under nominal conditions unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
Input (EN, IN1, IN2, GIN)
fIN
Pulse Input Frequency
–
–
200
kHz
tR
Input Pulse Rise Time
–
–
1.0 (14)
μs
(13)
tF
Input Pulse Fall Time
–
–
1.0 (14)
μs
(15)
Output
tPZH
tPLH
tPHL
Propagation Delay Time
• Turn-ON Time
• Turn-ON Time
• Turn-OFF Time
–
–
–
0.3
1.2
0.5
1.0
2.0
1.0
μs
tTON
tTOFF
GOUT Output Delay Time
• Turn-ON Time
• Turn-OFF Time
–
–
–
–
10
10
μs
(16)
fOSC
tVCRESON
Charge Pump Circuit
• Oscillator Frequency
• Rise Time
100
–
200
0.1
400
1.0
kHz
ms
(17)
tVDDDET
Low-voltage Detection Time
–
–
10
ms
Notes
13.
Time is defined between 10% and 90%.
14.
That is, the input waveform slope must be steeper than this.
15.
Time is defined between 90% and 10%.
16.
Load is 500 pF.
17.
Time to charge CRES to 11 V after application of VDD.
tPZH*,
10%
IN1, IN2, EN
OUTn
50%
90%
tPHL
tPLH
* The last state is “Z”.
(GIN)
(GOUT)
(tTON)
(tTOFF)
tVDDDET
0%
VDD
IM
3.5 V
90%
tV
DDDET
VDDDETON
VDDDETOFF
(<1.0
μA)
50%
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com