Electronic Components Datasheet Search
  English  ▼

X  

MPC17510 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC17510
Description  1.2 A 15 V H-Bridge motor driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC17510 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC17510 Datasheet HTML 1Page - NXP Semiconductors MPC17510 Datasheet HTML 2Page - NXP Semiconductors MPC17510 Datasheet HTML 3Page - NXP Semiconductors MPC17510 Datasheet HTML 4Page - NXP Semiconductors MPC17510 Datasheet HTML 5Page - NXP Semiconductors MPC17510 Datasheet HTML 6Page - NXP Semiconductors MPC17510 Datasheet HTML 7Page - NXP Semiconductors MPC17510 Datasheet HTML 8Page - NXP Semiconductors MPC17510 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NXP Semiconductors
5
17510
4
Electrical characteristics
Table 3. Maximum ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
VM
Motor Supply Voltage
-0.5 to 16
V
VCRES
Charge Pump Output Voltage
-0.5 to 13
V
(3)
VDD
Logic Supply Voltage
-0.5 to 16
V
VIN
Signal Input Voltage (EN, IN1, IN2, GIN)
-0.5 to VDD+0.5
V
IO
IOPK
Driver Output Current
• Continuous
• Peak
1.2
3.8
A
(4)
VESD1
VESD2
ESD Voltage
• Human Body Model
• Machine Model
±1900
±130
V
(5)
TSTG
Storage Temperature
-65 to 150
°C
TJ
Operating Junction Temperature
-30 to 150
°C
TA
Operating Ambient Temperature
-30 to 65
°C
PD
Power Dissipation
1.0
W
(6)
RθJA
Thermal Resistance
120
°C/W
TSOLDER
Soldering Temperature
260
°C
(7)
Notes
3.
When supplied externally, connect via 3.0 k
Ω resistor.
4.
TA = 25 °C, 10 ms pulse at 200 ms interval.
5.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in accordance
with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
TA = 25 °C, RθJA = 120 °C/W, 37 mm x 50 mm Cu area (1.6 mm FR-4 PCB).
7.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause
malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com