Electronic Components Datasheet Search
  English  ▼

X  

1707234.. Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1707234..
Description  PCB terminal block - MKDSO 2,5/ 4-L - 1707234
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707234.. Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1707234.. Datasheet HTML 1Page - PHOENIX CONTACT 1707234.. Datasheet HTML 2Page - PHOENIX CONTACT 1707234.. Datasheet HTML 3Page - PHOENIX CONTACT 1707234.. Datasheet HTML 4Page - PHOENIX CONTACT 1707234.. Datasheet HTML 5Page - PHOENIX CONTACT 1707234.. Datasheet HTML 6Page - PHOENIX CONTACT 1707234.. Datasheet HTML 7Page - PHOENIX CONTACT 1707234.. Datasheet HTML 8Page - PHOENIX CONTACT 1707234.. Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
https://www.phoenixcontact.com/za/products/1707234
07/10/2020   Page 3 / 9
PCB terminal block - MKDSO 2,5/ 4-L - 1707234
Technical data
Material data - housing
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Dimensions for the product
Length [ l ]
15.3 mm
Pitch
5 mm
Height (without solder pin)
18 mm
Solder pin [P]
3.5 mm
Pin dimensions
1.1 x 0.8 mm
Dimensions for PCB design
Hole diameter
1.4 mm
Packaging information
Pieces per package
250
Denomination packing units
Pcs.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 105 °C (Depending on the current carrying capacity/derating
curve)
Termination and connection method
Test for conductor damage and slackening
IEC 60998-2-1:1990-04
Test passed
Pull-out test
Pull-out test
IEC 60998-2-1:1990-04
Test passed
Conductor cross section / conductor type / tensile force
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
2.5 mm² / flexible / > 50 N
Mechanical tests according to standard
Test specification
IEC 60998-2-1 (in parts)
Electrical tests
Rated current
24 A
Conductor cross section
2.5 mm²
Rated voltage (III/2)
400 V
Rated surge voltage (III/2)
4 kV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com