Electronic Components Datasheet Search
  English  ▼

X  

1707234.. Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1707234..
Description  PCB terminal block - MKDSO 2,5/ 4-L - 1707234
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707234.. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1707234.. Datasheet HTML 1Page - PHOENIX CONTACT 1707234.. Datasheet HTML 2Page - PHOENIX CONTACT 1707234.. Datasheet HTML 3Page - PHOENIX CONTACT 1707234.. Datasheet HTML 4Page - PHOENIX CONTACT 1707234.. Datasheet HTML 5Page - PHOENIX CONTACT 1707234.. Datasheet HTML 6Page - PHOENIX CONTACT 1707234.. Datasheet HTML 7Page - PHOENIX CONTACT 1707234.. Datasheet HTML 8Page - PHOENIX CONTACT 1707234.. Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/za/products/1707234
07/10/2020   Page 1 / 9
PCB terminal block - MKDSO 2,5/ 4-L - 1707234
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5 mm², pitch:
5 mm, number of positions: 4, connection method: Screw connection with tension sleeve, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5
mm. Article with lateral pin exit
Your advantages
 PCB terminal block for ME/ME MAX electronics housing
 5 mm pitch
 PCB terminal block orthogonal to the PCB
 PCB terminal block for series ME MAX and ME electronic housings
 Maintenance-free and vibration-resistant, thanks to the Reakdyn principle or spring-loaded elements
 PCB terminal block is orthogonal to the PCB
 Internationally recognized and proven screw connection
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918136826
Weight per Piece (excluding packing)
7.660 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
MKDSO 2,5/..-L
Pitch
5 mm
Number of positions
4
Connection method
Screw connection with tension sleeve
Screw thread
M3


Similar Part No. - 1707234..

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707234 PHOENIX-1707234 Datasheet
80Kb / 4P
Printed-circuit board connector - MKDSO 2,5/ 4-L GN
More results

Similar Description - 1707234..

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707945 PHOENIX-2707945 Datasheet
62Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-4 SET
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2869757 PHOENIX-2869757 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-L BK
2901505 PHOENIX-2901505 Datasheet
106Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-L BU
2908032 PHOENIX-2908032 Datasheet
111Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BU
2908430 PHOENIX-2908430 Datasheet
64Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BK VPE200
2908472 PHOENIX-2908472 Datasheet
81Kb / 6P
PCB terminal block - MKDSO 2,5/ 4-R KMGY
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909772 PHOENIX-2909772 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-L BK VPE200
2203516 PHOENIX-2203516 Datasheet
310Kb / 8P
MKDSO 2,5/ 2-L TS - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com