Electronic Components Datasheet Search
  English  ▼

X  

1707234.. Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1707234..
Description  PCB terminal block - MKDSO 2,5/ 4-L - 1707234
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707234.. Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1707234.. Datasheet HTML 1Page - PHOENIX CONTACT 1707234.. Datasheet HTML 2Page - PHOENIX CONTACT 1707234.. Datasheet HTML 3Page - PHOENIX CONTACT 1707234.. Datasheet HTML 4Page - PHOENIX CONTACT 1707234.. Datasheet HTML 5Page - PHOENIX CONTACT 1707234.. Datasheet HTML 6Page - PHOENIX CONTACT 1707234.. Datasheet HTML 7Page - PHOENIX CONTACT 1707234.. Datasheet HTML 8Page - PHOENIX CONTACT 1707234.. Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
https://www.phoenixcontact.com/za/products/1707234
07/10/2020   Page 4 / 9
PCB terminal block - MKDSO 2,5/ 4-L - 1707234
Technical data
Air clearances and creepage distances
Clearances and creepage distances
IEC 60664-1:2007-04
Specification
IEC 60664-1:2007-04
Minimum clearance - inhomogeneous field (III/3)
3 mm
Minimum clearance - inhomogeneous field (III/2)
3 mm
Minimum clearance - inhomogeneous field (II/2)
3 mm
Minimum creepage distance value (III/3)
3.2 mm
Minimum creepage distance value (III/2)
2 mm
Minimum creepage distance value (II/2)
3.2 mm
Temperature-rise test
Result
Test passed
Specification
IEC 60998-2-1:1990-04
Current carrying capacity / derating curves
Specification
IEC 60998-2-1 (in parts)
Vibration test
Specification
IEC 60068-2-6:1995-03
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
5 g (60.1 - 150 Hz)
Test duration per axis
2.5 h
Resistance to ageing, humidity and penetration of solids
Dry heat
168 h/100°C
Humid heat
48 h/30 °C/92 %
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com