Electronic Components Datasheet Search
  English  ▼

X  

ATR2732 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR2732
Description  Integrated DAB One-chip Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2732 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR2732 Datasheet HTML 6Page - ATMEL Corporation ATR2732 Datasheet HTML 7Page - ATMEL Corporation ATR2732 Datasheet HTML 8Page - ATMEL Corporation ATR2732 Datasheet HTML 9Page - ATMEL Corporation ATR2732 Datasheet HTML 10Page - ATMEL Corporation ATR2732 Datasheet HTML 11Page - ATMEL Corporation ATR2732 Datasheet HTML 12Page - ATMEL Corporation ATR2732 Datasheet HTML 13Page - ATMEL Corporation ATR2732 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
4918AS–DAB–03/06
ATR2732 [Preliminary]
9.
Package Information
8.
Ordering Information
Extended Type Number
Package
Remarks
ATR2732-PBQW
QFN64
9 mm
× 9 mm, 0.5 mm pitch, lead-free
ATR2732-PBPW
QFN64
9 mm
× 9 mm, 0.5 mm pitch, lead-free
specifications
according to DIN
technical drawings
0.9±0.1
0.23±0.07
5.8±0.15
0.5 nom.
Package: VQFN_ 9 x 9_64L
Exposed pad 5.8 x 5.8
Dimensions in mm
Not indicated tolerances ±0.05
Issue: 1; 31.05.05
Drawing-No.: 6.543-5119.01-4
7.5
32
Z
Z 10:1
17
49
33
48
16
1
64
9
0.2
64
16
1
Top
Pin 1 identification
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com