Electronic Components Datasheet Search
  English  ▼

X  

ATR2732 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2732
Description  Integrated DAB One-chip Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2732 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR2732 Datasheet HTML 2Page - ATMEL Corporation ATR2732 Datasheet HTML 3Page - ATMEL Corporation ATR2732 Datasheet HTML 4Page - ATMEL Corporation ATR2732 Datasheet HTML 5Page - ATMEL Corporation ATR2732 Datasheet HTML 6Page - ATMEL Corporation ATR2732 Datasheet HTML 7Page - ATMEL Corporation ATR2732 Datasheet HTML 8Page - ATMEL Corporation ATR2732 Datasheet HTML 9Page - ATMEL Corporation ATR2732 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
4918AS–DAB–03/06
ATR2732 [Preliminary]
3.2
AGC in General
There are three AGCs in the ATR2732, one for the RF signals (around the LNAs) (1) and (3),
one for the very beginning of the IF path (mainly VHF mixer), and one for the IF amplifiers (5)
down to the output to baseband (7).
In these AGCs, the output signals of the relevant blocks are amplified, weakly band-pass fil-
tered, rectified, and, finally, low-pass filtered. The voltage derived in this power-measurement
process is compared to a voltage threshold which can be digitally controlled by several bits,
independently of each other. The setting is done via the control bus. Depending on the result of
this comparison, charge pumps feed a positive or negative current in order to charge or dis-
charge external capacitors. The voltage of these external capacitors is used to control the gains
of practically all blocks in the signal path.
By means of the control bus, the current of the AGC charge pump can be selected as specified
in the following table:
The input pin WAGC, set to logical 1, always sets all AGCs to time constant Infinite (meaning
there is practically no current to the AGC capacitors), regardless of the actual status of the bus
settings.
Table 3-1.
Selection of Time Constant Factor
MSB
LSB
Time Constant Factor
00
0
Infinite
00
1
32
01
0
16
01
1
8
10
0
4
10
1
2
11
0
1
11
1
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com