Electronic Components Datasheet Search
  English  ▼

X  

ATR2732 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2732
Description  Integrated DAB One-chip Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2732 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2732 Datasheet HTML 1Page - ATMEL Corporation ATR2732 Datasheet HTML 2Page - ATMEL Corporation ATR2732 Datasheet HTML 3Page - ATMEL Corporation ATR2732 Datasheet HTML 4Page - ATMEL Corporation ATR2732 Datasheet HTML 5Page - ATMEL Corporation ATR2732 Datasheet HTML 6Page - ATMEL Corporation ATR2732 Datasheet HTML 7Page - ATMEL Corporation ATR2732 Datasheet HTML 8Page - ATMEL Corporation ATR2732 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
4918AS–DAB–03/06
ATR2732 [Preliminary]
3.
Functional Description
The ATR2732 front-end IC was developed as a tuner IC for DAB reception. It was designed for
operation in L-band (1452 MHz to 1492 MHz) and VHF BIII (174 MHz to 240 MHz). The front
end contains gain-controlled LNAs, an L-band mixer with a corresponding PLL, and a VHF-band
mixer with a fractional PLL. The IF path contains three gain-controlled amplifiers. The front-end
IC allows the use of automatic tuning, which contains an adjustable input filter for VHF BIII and
an adjustable preselection filter for L-band and VHF reception.
The high dynamic range of the RF inputs, the use of gain-controlled amplifiers and gain-con-
trolled mixers in the RF and IF path, and an integrated driver for an external PIN diode
attenuator (VHF band) offer the possibility of handling even strong RF input signals.
The RF and IF parts include AGC functional blocks, which are needed for proper operation. The
thresholds are programmable via a simple serial bus.
The SPI bus is used to adjust and control all functional blocks.
The following sections briefly describe the major functions and features.
3.1
Main Functions
The following description gives a short overview of the general signal flow using the ATR2732
front-end IC for reception of DAB signals. Numbers in the text refer to the numbers in Figure 3-1
on page 5.
A DAB signal in the L-band frequency range (1452 MHz to 1492 MHz) is received by the L-band
antenna; a separate LNA with a separate input is available for the VHF Band III signals. In both
cases, the signal is band-pass filtered using a filter with low insertion loss. The internal variable
gain LNA (for L-band (1), for Band III (3)) amplifies the signal. For the L-band reception, a sec-
ond band-pass filter is placed between the LNA output and mixer input at (2). This mixer
converts the L-band signal to the VHF BIII frequency range (174 MHz to 240 MHz). The signal
leaves the IC at point (4), followed by an external preselection filter.
55
MISO
Inputs and outputs of serial bus (refer to serial bus protocol)
56
XOUT
Crystal oscillator clock output to baseband
If used: AC-couple to baseband (single VCXO concept)
If not used: short-circuit to GND
57
VDI
Supply voltage from baseband (1.65V to 3.6V) to adaptation interface to baseband
58
XTALA
Connection for reference clock crystal
59
XTALB
Connection for reference clock crystal
60
VDD
Supply for digital circuits
61
PFDOUTL
Output of phase comparator for VCO for L-band (connected to PLL loop filter)
62
GDMIXL
Ground (L-band mixer)
63
MILIN+
(Differential) Input of L-band mixer
64
MILIN
–
(Differential) Input of L-band mixer
Paddle
GND
Ground
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com