Electronic Components Datasheet Search
  English  ▼

X  

2905025 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 2905025
Description  Communication module - MINI MCR-2-V8-PB-DP - 2905636
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905025 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 2905025 Datasheet HTML 5Page - PHOENIX CONTACT 2905025 Datasheet HTML 6Page - PHOENIX CONTACT 2905025 Datasheet HTML 7Page - PHOENIX CONTACT 2905025 Datasheet HTML 8Page - PHOENIX CONTACT 2905025 Datasheet HTML 9Page - PHOENIX CONTACT 2905025 Datasheet HTML 10Page - PHOENIX CONTACT 2905025 Datasheet HTML 11Page - PHOENIX CONTACT 2905025 Datasheet HTML 12Page - PHOENIX CONTACT 2905025 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
https://www.phoenixcontact.com/gb/products/2905636
04/16/2018   Page 9 / 20
Communication module - MINI MCR-2-V8-PB-DP - 2905636
Accessories
Isolation amplifier - MINI MCR-2-NAM-2RO - 2902004
Configurable NAMUR signal conditioner with plug-in connection technology for proximity sensors, floating switch
contacts, and switch contacts with resistance circuit. 2 transistor outputs, configurable via DIP switch. Screw
connection technology.
 
 
Labeled device marker
Marker for end clamp - UCT-EM (30X5) CUS - 0801589
Marker for end clamp, can be ordered: by sheet, white, labeled according to customer specifications, mounting type:
snapped into marker carrier, lettering field size: 30 x 5 mm
 
 
Marker for end clamp - UCT-EM (30X5) YE CUS - 0830348
Marker for end clamp, can be ordered: by sheet, yellow, labeled according to customer specifications, mounting type:
snapped into marker carrier, lettering field size: 30 x 5 mm
 
 
Plastic label - UC-EMLP (15X5) CUS - 0824550
Plastic label, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: adhesive,
lettering field size: 15 x 5 mm
 
 
Plastic label - UC-EMLP (15X5) YE CUS - 0824551
Plastic label, can be ordered: by sheet, yellow, labeled according to customer specifications, mounting type:
adhesive, lettering field size: 15 x 5 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com