Electronic Components Datasheet Search
  English  ▼

X  

2905025 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2905025
Description  Communication module - MINI MCR-2-V8-PB-DP - 2905636
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905025 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2905025 Datasheet HTML 1Page - PHOENIX CONTACT 2905025 Datasheet HTML 2Page - PHOENIX CONTACT 2905025 Datasheet HTML 3Page - PHOENIX CONTACT 2905025 Datasheet HTML 4Page - PHOENIX CONTACT 2905025 Datasheet HTML 5Page - PHOENIX CONTACT 2905025 Datasheet HTML 6Page - PHOENIX CONTACT 2905025 Datasheet HTML 7Page - PHOENIX CONTACT 2905025 Datasheet HTML 8Page - PHOENIX CONTACT 2905025 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
https://www.phoenixcontact.com/gb/products/2905636
04/16/2018   Page 1 / 20
Communication module - MINI MCR-2-V8-PB-DP - 2905636
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Eight MINI Analog Pro signal conditioners and measuring transducers can be quickly and easily integrated
into a PROFIBUS DP network via a communication adapter.
Product Description
Thanks to its innovative plug-in concept, the communication adapter offers a time-saving wiring solution. Eight MINI Analog Pro signal converters
can be quickly and easily integrated into a PROFIBUS DP network using a communication adapter. Flexible signal combinations and eliminating the
need for I/O input cards saves space and money in the control cabinet.
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356996723
Weight per Piece (excluding packing)
136.000 g
Custom tariff number
85389099
Country of origin
Germany
Note
Made to Order (non-returnable)
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
51.1 mm
Height
104.1 mm
Depth
56.8 mm
Supply
Nominal supply voltage range
12 V ... 24 V
Supply voltage range
9.6 V ... 30 V
Typical current consumption
160 mA (at 9.6 V DC)


Similar Part No. - 2905025

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905022 PHOENIX-2905022 Datasheet
95Kb / 5P
Solid-state relays - ST-OV2- 12DC/ 60DC/1
2905023 PHOENIX-2905023 Datasheet
246Kb / 5P
PT-IQ-EX-L-PP - Separating plate
2905024 PHOENIX-2905024 Datasheet
246Kb / 5P
PT-IQ-EX-H-PP - Separating plate
2905026 PHOENIX-2905026 Datasheet
445Kb / 20P
Universal 4-way signal duplicator
2905028 PHOENIX-2905028 Datasheet
445Kb / 20P
Universal 4-way signal duplicator
More results

Similar Description - 2905025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
PHOENIX CONTACT
2901993 PHOENIX-2901993 Datasheet
79Kb / 3P
System adapter - MINI MCR-2-V8-FLK 16
106732 PHOENIX-106732 Datasheet
410Kb / 17P
MINI MCR-2-UNI-UI-2UI(-PT)
logo
Prosoft-Technology
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
PROFIBUS DP Slave Communication Module
MVI56-PDPS PROSOFT-MVI56-PDPS Datasheet
206Kb / 2P
PROFIBUS DP Slave Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
PHOENIX CONTACT
1507780 PHOENIX-1507780 Datasheet
162Kb / 4P
SAC-M12T/2XM12 PB DP
2905634 PHOENIX-2905634 Datasheet
258Kb / 21P
Communication module - MINI MCR-2-V8-MOD-RTU
09/12/2020
2905635 PHOENIX-2905635 Datasheet
257Kb / 20P
Communication module - MINI MCR-2-V8-MOD-TCP
09/12/2020
logo
Schneider Electric
HMIYMINPRO1 SCHNEIDER-HMIYMINPRO1 Datasheet
144Kb / 2P
Profibus DP communication module, Harmony iPC, Interface Mini PCIe 1xProfibus Master NVRAM
May 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com