Electronic Components Datasheet Search
  English  ▼

X  

2905025 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2905025
Description  Communication module - MINI MCR-2-V8-PB-DP - 2905636
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905025 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2905025 Datasheet HTML 1Page - PHOENIX CONTACT 2905025 Datasheet HTML 2Page - PHOENIX CONTACT 2905025 Datasheet HTML 3Page - PHOENIX CONTACT 2905025 Datasheet HTML 4Page - PHOENIX CONTACT 2905025 Datasheet HTML 5Page - PHOENIX CONTACT 2905025 Datasheet HTML 6Page - PHOENIX CONTACT 2905025 Datasheet HTML 7Page - PHOENIX CONTACT 2905025 Datasheet HTML 8Page - PHOENIX CONTACT 2905025 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
https://www.phoenixcontact.com/gb/products/2905636
04/16/2018   Page 2 / 20
Communication module - MINI MCR-2-V8-PB-DP - 2905636
Technical data
Supply
Power consumption
< 700 mW
Input data
Available input sources
floating switch contact
Current source
Number of inputs
8
Configurable/programmable
Yes
Current input signal
4 mA ... 20 mA
Maximum input current
24 mA
Input resistance current input
50 Ω
Maximum input voltage
5 V
Output data
Number of outputs
1
Configurable/programmable
Yes
Transmission speed
12 Mbps
Data update rate
15 ms
General
Maximum transmission error
0.1 %
Maximum temperature coefficient
0.01 %
Degree of protection
IP20 (Finger safety)
Overvoltage category
II
Degree of pollution
2
Rated insulation voltage
50 Vrms
Test voltage, input/output/supply
0.5 kV
Status display
Green LED
Indication
Red LED
Housing material
PBT 7% GF V0
Mounting position
any
Connection data
Connection name
Output
Connection method
D-SUB socket strip
Number of positions
9
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Maximum altitude
4000 m
Standards and Regulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com