Electronic Components Datasheet Search
  English  ▼

X  

1914 Datasheet(PDF) 2 Page - CTS Corporation

Part # 1914
Description  Miniature OCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

1914 Datasheet(HTML) 2 Page - CTS Corporation

  1914 Datasheet HTML 1Page - CTS Corporation 1914 Datasheet HTML 2Page - CTS Corporation 1914 Datasheet HTML 3Page - CTS Corporation 1914 Datasheet HTML 4Page - CTS Corporation 1914 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL 1914
Miniature OCXO
9x14mm
Doc name : Model 1914 datasheet
Page 2 - 5
X5
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ U.S.A. ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Parameter
Conditions & Remarks
Min
Typical
Max
Unit
Total Free-Running Accuracy
all causes for 15 years (∆f/fNOM)
-
-
± 4.600
ppm
Short Term Frequency Stability
Allan Deviation
0.1 sec tau
1.0 sec tau
0.1
0.1
ppb
Warm-Up Time
@ 25°C, to final frequency
-
2
5
minutes
Output Parameters
Output Signal
LVCMOS Square Wave
VOL
-
-
10% VCC
Amplitude
VOH
90% VCC
-
-
Vdc
Rise/Fall Times
20% to 80% @ 15pf load
-
-
3
ns
Duty Cycle
@ 50% of output signal
45
50
55
%
Spurious
-
-
-80
dBc
Non and Sub-harmonics
-
-
-100
dBc
10Hz
-
-95
-80
dBc/Hz
100Hz
-
-125
-115
dBc/Hz
1kHz
-
-145
-135
dBc/Hz
10kHz
-
-154
-145
dBc/Hz
Phase Noise
(Typical @ 10 Mhz)
100kHz
-
-154
-145
dBc/Hz
Integrated jitter
∆f = 12 KHz thru 20 MHz
-
0.3
1.0
psec
Electronic Frequency Adjustment (Optional)
Control voltage
VC : Standard
Available
0.3
0.5
1.65
2.5
3.0
4.5
volts
Range
±9.6
-
-
ppm
Slope
Positive, monotonic
-
-
-
Input Impedance
ZIN
-
1.0
-
M ohms
Linearity
-
-
10
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com