Electronic Components Datasheet Search
  English  ▼

X  

1914 Datasheet(PDF) 3 Page - CTS Corporation

Part # 1914
Description  Miniature OCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

1914 Datasheet(HTML) 3 Page - CTS Corporation

  1914 Datasheet HTML 1Page - CTS Corporation 1914 Datasheet HTML 2Page - CTS Corporation 1914 Datasheet HTML 3Page - CTS Corporation 1914 Datasheet HTML 4Page - CTS Corporation 1914 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL 1914
Miniature OCXO
9x14mm
Doc name : Model 1914 datasheet
Page 3 - 5
X5
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ U.S.A. ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
5.89
[.232]
2.54
[.100]
1.02
[.040]
ALL DIMENSIONS ARE IN MM [INCHES].
ALL DIMENSIONS ARE NOMINAL UNLESS OTHERWISE SPECIFIED.
LEAD TERMINATION FINISH: GOLD FLASH, <10 MICRO INCH, OVER Ni PLATED Cu.
MAX
9.3±0.1
[.366±.004]
7.0
[.275]
PAD 1 MARK
BARRIER COVERING
OVER RESIST MASK
TYP
TYP
EXPOSED CONDUCTIVE
MAY BE INTERNALLY
CONNECTED
2 PLACES
PAD CONNECTION
1
EFC (Optional)
2
N/C
3
GROUND/CASE
4
OUTPUT
5N/C
6
Supply Voltage - Vcc
6.35
[.250]
0.65
[.025]
14.3±0.1
[.563±.004]
0.94
[.037]
REF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com