Electronic Components Datasheet Search
  English  ▼

X  

1914 Datasheet(PDF) 4 Page - CTS Corporation

Part # 1914
Description  Miniature OCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

1914 Datasheet(HTML) 4 Page - CTS Corporation

  1914 Datasheet HTML 1Page - CTS Corporation 1914 Datasheet HTML 2Page - CTS Corporation 1914 Datasheet HTML 3Page - CTS Corporation 1914 Datasheet HTML 4Page - CTS Corporation 1914 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL 1914
Miniature OCXO
9x14mm
Doc name : Model 1914 datasheet
Page 4 - 5
X5
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ U.S.A. ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
MECHANICAL SPECIFICATIONS (Continued)
SUGGESTED SOLDER PAD GEOMETRY
2.54
[.100]
5.08
[.200]
7.70
[.303]
7.70
[.303]
5.64
[.222]
1.27
[.050]
1.40
[.055]
TYP
TYP
EXPOSED CONDUCTIVE
KEEPOUT AREA
2 PLACES
ALL DIMENSIONS ARE IN MM [INCHES].
ALL DIMENSIONS ARE NOMINAL.
MAXIMUM SOLDERING PROFILE
Temperature
>217°C
260°C (Absolute max temperature)
Time
2.5min
10 sec
Note: Part is not designed to be reflowed in an inverted position.
♦ Fully compliant to RoHS Directive 2002/95/EC
♦ Co-Planarity (from seating plane): max. 0.1mm
♦ MSL: level 1
♦ Device quantity is 500 pcs maximum per 330 mm reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com