Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MDW
Description  Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MDW Ultra Wide Series
Single and Dual Output
20 Watt DC/DC Converter
4:1 Wide Input Voltage Range
SAFETY & EMC
Safety Standard Pending ................. IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 8) ............... EN55022.............................................Class A
ESD.................... EN61000-4-2……..
……Perf. Criteria B
Radiated Immunity........... EN61000-4-3……………10V/m Perf. Criteria A
Fast Transient.................. EN61000-4-4 ................... ±2KV Perf. Criteria B
Surge (See Note 9).......... EN61000-4-5……………..±1KV Perf. Criteria B
Conducted Immunity…… EN61000-4-6……….…10 Vrms Perf. Criteria A
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input
Range
Output
Voltage
Min. load Full load
Output
(4)
Ripple & Noise No load (3) Full load (2)
Efficiency
(4)
Capacitor
(5)
Load max
MDW24S3.3-5500
3.3 VDC
0mA
5500mA
60mVp-p
50mA
934mA
85%
18000uF
MDW24S5-4000
5 VDC
0mA
4000mA
75mVp-p
65mA
992mA
88%
9600uF
MDW24S12-1670
12 VDC
0mA
1670mA
75mVp-p
22mA
1018mA
86%
1650uF
MDW24S15-1330
15 VDC
0mA
1330mA
75mVp-p
22mA
1014mA
86%
1050uF
MDW24D5-2000
±5 VDC
0mA
±2000mA
100mVp-p
55mA
992mA
88%
±4800uF
MDW24D12-833
±12VDC
0mA
±833mA
100mVp-p
30mA
1004mA
87%
±825uF
MDW24D15-667
24 VDC
(9-36 VDC)
±15VDC
0mA
±667mA
100mVp-p
30mA
1005mA
87%
±525uF
MDW48S3.3-5500
3.3 VDC
0mA
5500mA
60mVp-p
35mA
467mA
85%
18000uF
MDW48S5-4000
5 VDC
0mA
4000mA
75mVp-p
35mA
496mA
88%
9600uF
MDW48S12-1670
12 VDC
0mA
1670mA
75mVp-p
15mA
503mA
87%
1650uF
MDW48S15-1330
15 VDC
0mA
1330mA
75mVp-p
15mA
501mA
87%
1050uF
MDW48D5-2000
±5 VDC
0mA
±2000mA
100mVp-p
35mA
490mA
89%
±4800uF
MDW48D12-833
±12VDC
0mA
±833mA
100mVp-p
17mA
496mA
88%
±825uF
MDW48D15-667
48 VDC
(18-75 VDC)
±15VDC
0mA
±667mA
100mVp-p
17mA
496mA
88%
±525uF
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC (Ground fixed and controlled environment).
MIL-STD-217F Notice2 @Ta=25 ºC, Full load (Ground, Benign, controlled environment)
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin.
To order negative logic ON/OFF control add the suffix ”R” (Ex: MDW48S5-4000R)
7.
Heat sink is optional, consult factory for ordering details.
8.
The MDW Series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommended: 24Vin: NA.
48Vin: 1µF/100V
9.
An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con
KY Series, 220uF/100V, ESR 48mΩ.
Air
± 8KV
Contact ± 6KV
FED20-48S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20406080
100
120
AMBIENT TEMPERATURE(℃)
72
Natural convection
100LFM
200LFM
300LFM
400LFM
500LFM
105
DERATING CURVES & EFFICIENCY GRAPHS
FED20-48S05W Derating Curve
With Heatsink (Note 7 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
Natural convection
100LFM
200LFM
300LFM
400LFM
500LFM
105
78
FED20-48S05W
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FED20-48S05W
Efficiency VS Input Voltage
78%
80%
82%
84%
86%
88%
90%
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE (V)
MDW48S5-4000
DERATING CURVE
MDW48S5-4000
Efficiency vs Input Voltage
MDW48S5-4000
Efficiency vs Input Voltage
MDW48S5-4000
DERATING CURVE
With Heatsink (Note 7)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com