Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MDW
Description  Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MDW Ultra Wide Series
Single and Dual Output
20 Watt DC/DC Converter
4:1 Wide Input Voltage Range
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
+OUTPUT
+OUTPUT
4
TRIM
COMMON
5
-OUTPUT
-OUTPUT
6
CTRL
CTRL
Recommended EN55022 Class B Filter Circuit Layout
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
0.400
(10.16)
0.400
(10.16)
0.50
(12.7)
1.00 (25.4)
0.100 (2.54)
0.200 (5.08)
0.22 (5.6)
0.40
(10.2)
1 2
3
4
5
6
Output can be externally trimmed
by using the method shown below.
EXTERNAL OUTPUT TRIMMING
5
4
TRIM UP
RU
4
3
TRIM DOWN
RD
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
TRIM
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL
CTRL
Recommended Filter for EN55022 Class B Compliance
+Vin
-Vin
+Vout
-Vout
L1
D/D Converter
C1
C4
C3
Load
C2
+
INPUT
-
INPUT
1
2
3
4
FIGURE 1
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by
using the method shown below.
FIGURE 2
The components used in the Figure 1, together with the manufacturers’ part numbers
for these components, are as follows:
C1
C2
C3
C4
L1
MDW24xxx-
xxxx
4.7uF/50V
N/A
1000pF/2KV 1000pF/2KV
450uH
Common Choke
MDW48xxx-
xxxx
2.2uF/100V 2.2uF/100V 1000pF/2KV 1000pF/2KV
325uH
Common Choke
-INPUT
+INPUT
TOP VIEW
MDW
SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com