Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MDW
Description  Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MDW Ultra Wide Series
Single and Dual Output
20 Watt DC/DC Converter
4:1 Wide Input Voltage Range
FEATURES
● Output Current up to 5.5A
● High Efficiency up to 89%
● Fixed Switching Frequency
● Six-Sided Continuous Shielding
● 20 Watts Maximum Output Power
● 4:1 Ultra Wide Input Voltage Range
● Standard 2.0 x 1.0 x 0.4 Inch Package
● Options: Negative Logic Remote ON/OFF
● Compliant to RoHS EU Directive 2002/95/EC
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
SPECIFICATIONS: MDW Ultra Wide Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input .......................... 9-36VDC
48V nominal input ........................ 18-75VDC
Input Filter ....................................................................................... Pi Type
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ....... 24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................20ms typ.
Remote ON/OFF ....................................................................20ms typ.
Start Up Voltage................... 24V input.............................................9 VDC
48V input...........................................18 VDC
Shutdown Voltage................ 24V input .........................................7.5 VDC
48V input ..........................................15 VDC
Remote ON/OFF (Note 6)
(Positive Logic)............... DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
(Negative Logic) ............. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA
Remote Off Input Current (nominal Vin) ...........................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Voltage Adjustability............................................................................. 10%
Output Current ..............................................................................see table
Output Power ........................................................................ 20 watts max.
Line Regulation (LL to HL at FL).................. Single.......................... ±0.2%
Dual ............................ ±0.5%
Load Regulation (no load to full load) .......... Single.......................... ±0.5%
Dual ............................... ±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................see table
(measured with a 0.1uF/50V MLCC)
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection ...........3.3V output .......................................... 3.9V
(zener diode clamp)
5V output .......................................... 6.2V
12V output ........................................... 15V
15V output ........................................... 18V
Over Load Protection (% of full load at nominal input) ................. 150% typ.
Short Circuit Protection...................................... Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................400KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Voltage (Input to case) ............................................ 1600VDC min.
Isolation Voltage (Output to Case) ........................................ 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance .............................................................. 1500pF max.
Case Grounding .................... Connect case to –Vin with decoupling Y Cap
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................. -40°C ~ +66°C (w/o derating)
+66°C ~ +105°C (w/ derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ............................................................. 105°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (Note 7)
Natural Convection ............................................................. 12°C / Watt
Natural Convection with Heat-Sink..................................... 10°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (Note 1)............BELLCORE TR-NWT-000332..........1.691 X 10
6 hrs
MIL-STD-217F ................................. 5.629 x 10
5 hrs
PHYSICAL SPECIFICATIONS
Weight ..................................................................................... 27g (0.95 oz)
Dimensions....................... 2.0 x 1.0 x 0.40 inches (50.8 x 25.4 x 10.2 mm)
Case Material ..............................................................Nickel-coated copper
Base Material................................................FR4 PCB (Effective July 2008)
Potting material..................................................................Epoxy (UL94-V0)
Shielding......................................................................................... six-sided
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment


Similar Part No. - MDW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MDW WALL-MDW Datasheet
423Kb / 8P
20 Watts DC/DC Converter Single and Dual Output
logo
Guangdong Huixin Electr...
MDW02C900UK HUIXIN-MDW02C900UK Datasheet
2Mb / 10P
Complementary N/P-Channel Enhancement Mode MOSFET
MDW02D175UK HUIXIN-MDW02D175UK Datasheet
1Mb / 6P
Dual N-Channel Enhancement Mode MOSFET
MDW03D1K0UK HUIXIN-MDW03D1K0UK Datasheet
627Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
MDW06D2K2UK HUIXIN-MDW06D2K2UK Datasheet
491Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - MDW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
RJW WALL-RJW_16 Datasheet
127Kb / 2P
Single and Dual Output 4:1 Input Voltage Range 12 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com