Electronic Components Datasheet Search
  English  ▼

X  

MKP375 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MKP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP375 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MKP375 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 10Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 11Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 12Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 13Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 14Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 15Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 16Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
2000 Feb 01
13
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
KP/MKP 375 GENERAL DATA
PITCH 15 mm
PITCH 7.5 mm (bent back leads)
Specific reference data for the 1 000 V DC capacitors
Available 1 000 V DC versions
Notes
1.
For SPQ refer to this handbook, chapter “Packaging information”.
2.
H
= in-tape height; P0 = sprocket hole distance; for detailed specifications refer to this handbook, chapter “Packaging
information”.
DESCRIPTION
VALUE
at 10 kHz
at 100 kHz
Tangent of loss angle
≤6 × 10−4
≤10 × 10−4
Rated voltage pulse slope (dU/dt)R at 1000 V (DC)
15 000 V/
µs
R between leads at 500 V; 1 minute
>100000 MΩ
R between interconnected leads and case; 500 V; 1 minute
>100000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>500 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1600 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
PACKAGING(1)
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Loose in box
lt
= 5.0 ±1.0 mm
±5%
2222 375 24...
preferred
±3.5%
2222 375 25...
on request
lt
= 3.5±0.5 mm
±5%
2222 375 20...
on request
±3.5%
2222 375 21...
on request
Taped on reel
H
= 16.0 mm; P0 = 12.7 mm; note 2
±5%
2222 375 22...
on request
±3.5%
2222 375 23...
on request
Taped on reel
(bent back)
H
= 16.0 mm; P0 = 15.0 mm; note 2
±5%
2222 375 26...
preferred
±3.5%
2222 375 27...
on request
Fig.8 Outline.
296x12(full_width)
seating plane (1)
P
Ødt
b
l
h
lt
α
A
(2)
b
h'
l
CBA818
F'
F
(3)
10
Ødt
H
15
(1) Hole
∅1.3 for dt = 0.8 mm.
(2) 0
≤α < 50°.
(3)
F − F’< 0.3 mm
F
= 7.5 +0.6/−0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com