Electronic Components Datasheet Search
  English  ▼

X  

MKP375 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP375 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKP375 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2000 Feb 01
2
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
KP/MKP RADIAL LACQUERED TYPE
PITCH 10/15/22.5/27.5 mm
PITCH 7.5 mm (bent back leads)
Fig.1 Simplified outline.
296x12(full_width)
P = 10 mm
P = 15 - 22.5 -27.5 mm
CBA951
P(bent back leads) = 7.5 mm
FEATURES
• 10 to 27.5 mm lead pitch
• Supplied loose and taped
• Taped products available on
request.
APPLICATIONS
• Where high currents and steep
pulses occur
• For deflection circuits in television
receivers.
DETAIL SPECIFICATION
For more detailed data and test
requirements see “Type detail
specification HQN-384-17/104”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range (E24 series)
100 pF to 270 nF
Capacitance tolerance
±5%; ±3.5%
Rated (DC) voltage
630 V; 1000 V; 1600 V; 2000 V; 2500 V
Rated (AC) voltage
300 V; 400 V; 500 V; 600 V; 880 V
Rated peak-to-peak voltage
850 V; 1100 V; 1400 V; 1700 V; 2500 V
Climatic category
55/105/56
Maximum application
temperature
105
°C
Rated temperature
85
°C
Reference specification
IEC 60384-17
Performance grade:
for C
> 5.6 nF and 2500 V
grade 1 (long life)
for C
≤ 5.6 nF
grade 2 (general purpose)
Stability grade
grade 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com