Electronic Components Datasheet Search
  English  ▼

X  

MKP375 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # MKP375
Description  AC and Pulse
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP375 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button MKP375 Datasheet HTML 35Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 36Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 37Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 38Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 39Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 40Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 41Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 42Page - List of Unclassifed Manufacturers MKP375 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
2000 Feb 01
39
BCcomponents
Product specification
AC and Pulse
metallized polypropylene film capacitors
KP/MKP 375
Fig.27 AC voltage (RMS value) as a function of frequency at Tamb ≤ 85 °C for URdc = 1000 V.
296x12(full_width)
f (Hz)
AC Voltage
(V)
10 7
10
8
10 6
10 5
10 4
10 3
CBA287
10 3
10 1
10 2
KP/MKP 375
Fig.28 AC voltage (RMS value) as a function of frequency at 85
°C
< Tamb ≤ 105 °C for URdc = 1000 V.
296x12(full_width)
f (Hz)
AC Voltage
(V)
10 7
10
8
10 6
10 5
10 4
10 3
CBA831
10 3
10 1
10 2
KP/MKP 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com