Electronic Components Datasheet Search
  English  ▼

X  

PSPSP500 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPSP500
Description  500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSP500 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPSP500 Datasheet HTML 1Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 2Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 3Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 4Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPSP500 Series
500 Watt Single Output
Built-In Active PFC Function
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output
Voltage
Voltage
Adjust. Range
Over Voltage
Protection
Output
Current
Rated Output
Power
Efficiency
PSPSP500-5
5 VDC
4.75 ~ 5.5V
5.75 ~ 6.75V
80A
400W
76%
PSPSP500-12
12 VDC
10 ~ 13.2V
13.8 ~ 16.2V
41.5A
498W
82%
PSPSP500-13.5
13.5 VDC
12 ~ 15V
15.5 ~ 18.2V
37A
499.5W
82%
PSPSP500-15
15 VDC
13.5 ~ 18V
18 ~ 21V
33A
495W
82%
PSPSP500-24
24 VDC
20 ~ 26.4V
27.6 ~ 32.4V
20.8A
499.2W
84%
PSPSP500-27
27 VDC
24 ~ 30V
31 ~ 36.5V
18.5A
499.5W
84%
PSPSP500-48
90 ~ 264 VAC
(127 ~ 370 VDC)
48 VDC
41 ~ 56V
57.6 ~ 67.2V
10.5A
504W
86%
PSPSP500-5P
5 VDC
4.75 ~ 5.5V
5.75 ~ 6.75V
80A
400W
76%
PSPSP500-12P
12 VDC
10 ~ 13.2V
13.8 ~ 16.2V
41.5A
498W
82%
PSPSP500-13.5P
13.5 VDC
12 ~ 15V
15.5 ~ 18.2V
37A
499.5W
82%
PSPSP500-15P
15 VDC
13.5 ~ 18V
18 ~ 21V
33A
495W
82%
PSPSP500-24P
24 VDC
20 ~ 26.4V
27.6 ~ 32.4V
20.8A
499.2W
84%
PSPSP500-27P
27 VDC
24 ~ 30V
31 ~ 36.5V
18.5A
499.5W
84%
PSPSP500-48P
90 ~ 264 VAC
(127 ~ 370 VDC)
48 VDC
41 ~ 56V
57.6 ~ 67.2V
10.5A
504W
86%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF & 47uF parallel capacitor.
3. Tolerances include set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
5. When in parallel connection only one unit may operate if the total output load is less than 5% of rated load condition.
6. Derating may be needed under low input voltages. Please check the derating curve for more details.
7. The “P” suffix indicates models that are open frame.
BLOCK DIAGRAM
fosc: 134KHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com