Electronic Components Datasheet Search
  English  ▼

X  

PSPSP500 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPSP500
Description  500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSP500 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPSP500 Datasheet HTML 1Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 2Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 3Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 4Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPSP500 Series
500 Watt Single Output
Built-In Active PFC Function
AC/DC Switching Power Supply
PSPSP500-P MODELS
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE
MECHANICAL DRAWING
CONTROL PIN NO. ASSIGNMENT
CONTROL PIN NO. ASSIGNMENT
CN1
CN2
Pin No.
Assignment
Pin No.
Assignment
Pin No.
Assignment
1
GND
1
P (Current Share)
5
PF (Power Fail Signal)
2
+12V
2
+S
6
RC+
3
-S
7
RC-
4
GND
Unit: mm
AC INPUT TERMINAL
PIN NO. ASSIGNMENT
Pin No.
Assignment
1
AC INPUT
2
AC INPUT
3
FG
DC OUTPUT TERMINAL
PIN NO. ASSIGNMENT
Pin No.
Assignment
1, 2, 3
DC OUTPUT +V
4, 5, 6
DC OUTPUT -V
Fan Power Source: 0.3A max.
SVR1: VO ADJ.
SVR2: IO ADJ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com