Electronic Components Datasheet Search
  English  ▼

X  

PSPSP500 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPSP500
Description  500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSP500 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPSP500 Datasheet HTML 1Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 2Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 3Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 4Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPSP500 Series
500 Watt Single Output
Built-In Active PFC Function
AC/DC Switching Power Supply
PSPSP500 MODELS
DERATING CURVE
OUTPUT DERATING VS INPUT VOLTAGE
MECHANICAL DRAWING
AC INPUT TERMINAL
PIN NO. ASSIGNMENT
DC OUTPUT TERMINAL
PIN NO. ASSIGNMENT
CONTROL PIN NO. ASSIGNMENT
Pin No.
Assignment
Pin No.
Assignment
Pin No.
Assignment
Pin No.
Assignment
1
AC/L
1,2,3
DC OUTPUT +V
1
P (Current Share)
5
NC
2
AC/N
4,5,6
DC OUTPUT –V
2
-S
6
PF (Power Fail Signal)
3
FG
3
G
7
+S
4
RC-
8
RC+
Unit: mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com