Electronic Components Datasheet Search
  English  ▼

X  

LMX1601 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX1601 Datasheet HTML 1Page - National Semiconductor (TI) LMX1601 Datasheet HTML 2Page - National Semiconductor (TI) LMX1601 Datasheet HTML 3Page - National Semiconductor (TI) LMX1601 Datasheet HTML 4Page - National Semiconductor (TI) LMX1601 Datasheet HTML 5Page - National Semiconductor (TI) LMX1601 Datasheet HTML 6Page - National Semiconductor (TI) LMX1601 Datasheet HTML 7Page - National Semiconductor (TI) LMX1601 Datasheet HTML 8Page - National Semiconductor (TI) LMX1601 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Descriptions
Pin No. for
16-pin CSP
Package
Pin No. for
16-pin
TSSOP
Package
Pin Name
I/O
Description
16
1
FoLD
O
Multiplexed output of the Main/Aux programmable or reference dividers
and Main/Aux lock detect. CMOS output. (See Programming Description
2.5)
1
2
OSC
IN
I
PLL reference input which drives both the Main and Aux R counter
inputs. Has about 1.2V input threshold and can be driven from an
external CMOS or TTL logic gate. Typically connected to a TCXO output.
Can be used with an external resonator (See Programming Description
2.5.4).
2
3
OSC
OUT
O
Oscillator output. Used with an external resonator.
3
4
GND
—
Aux PLL ground.
4
5
fin
AUX
I
Aux prescaler input. Small signal input from the VCO.
56
V
CCAUX
—
Aux PLL power supply voltage input. Must be equal to V
CCMAIN. May
range from 2.7V to 3.6V. Bypass capacitors should be placed as close
as possible to this pin and be connected directly to the ground plane.
6
7
CPo
AUX
O
Aux PLL Charge Pump output. Connected to a loop filter for driving the
control input of an external VCO.
78
EN
AUX
I
Powers down the Aux PLL when LOW (N and R counters, prescaler, and
tristates charge pump output). Bringing EN
AUX HIGH powers up the Aux
PLL.
89
EN
MAIN
I
Powers down the Main PLL when LOW (N and R counters, prescaler,
and tristates charge pump output). Bringing EN
MAIN HIGH powers up the
Main PLL.
9
10
CPo
MAIN
O
Main PLL Charge Pump output. Connected to a loop filter for driving the
control input of an external VCO.
10
11
V
CCMAIN
—
Main PLL power supply voltage input. Must be equal to V
CCAUX. May
range from 2.7V to 3.6V. Bypass capacitors should be placed as close
as possible to this pin and be connected directly to the ground plane.
11
12
fin
MAIN
I
Main prescaler input. Small signal input from the VCO.
12
13
GND
—
Main PLL ground.
13
14
LE
I
Load enable high impedance CMOS input. Data stored in the shift
registers is loaded into one of the 4 internal latches when LE goes HIGH
(control bit dependent).
14
15
Data
I
High impedance CMOS input. Binary serial data input. Data entered MSB
first. The last two bits are the control bits.
15
16
Clock
I
High impedance CMOS Clock input. Data for the various counters is
clocked in on the rising edge, into the 18-bit shift register.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com