Electronic Components Datasheet Search
  English  ▼

X  

LMX1601 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX1601 Datasheet HTML 9Page - National Semiconductor (TI) LMX1601 Datasheet HTML 10Page - National Semiconductor (TI) LMX1601 Datasheet HTML 11Page - National Semiconductor (TI) LMX1601 Datasheet HTML 12Page - National Semiconductor (TI) LMX1601 Datasheet HTML 13Page - National Semiconductor (TI) LMX1601 Datasheet HTML 14Page - National Semiconductor (TI) LMX1601 Datasheet HTML 15Page - National Semiconductor (TI) LMX1601 Datasheet HTML 16Page - National Semiconductor (TI) LMX1601 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2.0 Programming Description (Continued)
2.5.2
Typical Lock Detect Timing (AUX_PD_POL/MAIN_PD_POL = 1)
10012917
2.5.3
OSC Mode Programming
The OSC
out pin can be optimized for operating with an external crystal resonator or an external reference frequency source (i.e.
TCXO). If the application uses an external reference frequency source, the current dissipation of the LMX1600/01/02 can be
reduced with the Logic Mode (0.5 mA typ.). Crystal Mode should be used when an external crystal resonator is used. Logic Mode
is used when an external reference frequency source is used. In Logic Mode, OSC
OUT should be connected to a 30 pF capacitor
to ground for optimum performance.
When the FoLD output state is selected to CMOS high/low levels, the OSC Mode is forced to Crystal Mode.
FoLD
OSC
OUT
3
210
AUX_R[17]
AUX_R[16]
AUX_R[15]
AUX_R[14]
0
0
0
0
Crystal Mode
0
0
0
1
Crystal Mode
All Other States
0
Logic Mode
1
Crystal Mode
2.5.4
Typical Crystal Oscillator Circuit
A typical implementation of a 10 MHz crystal oscillator with the OSC
OUT pin in Crystal Mode is shown below.
10012918
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com