Electronic Components Datasheet Search
  English  ▼

X  

LMX1601 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX1601 Datasheet HTML 1Page - National Semiconductor (TI) LMX1601 Datasheet HTML 2Page - National Semiconductor (TI) LMX1601 Datasheet HTML 3Page - National Semiconductor (TI) LMX1601 Datasheet HTML 4Page - National Semiconductor (TI) LMX1601 Datasheet HTML 5Page - National Semiconductor (TI) LMX1601 Datasheet HTML 6Page - National Semiconductor (TI) LMX1601 Datasheet HTML 7Page - National Semiconductor (TI) LMX1601 Datasheet HTML 8Page - National Semiconductor (TI) LMX1601 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics (Continued)
(V
CCMAIN =VCCAUX = 3.0V; TA = 25˚C except as specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IH
High-Level Input Current
V
IH =VCC = 3.6V, (Note 4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V; VCC = 3.6V, (Note 4)
−1.0
1.0
µA
I
IH
OSC
IN Input Current
V
IH =VCC = 3.6V
100
µA
I
IL
OSC
IN Input Current
V
IL = 0V; VCC = 3.6V
−100
µA
I
O
OSC
OUT Output Current Magnitude
(sink/source) (Note 5)
Logic Mode
V
CC = 3.6V
(Note 3)
|200|
µA
V
OUT =VCC/2
Crystal Mode
V
CC = 2.7V
(Note 3)
|300|
µA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC−0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
MICROWIRE TIMING
t
CS
Data to Clock Set Up Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
CLOSED LOOP SYNTHESIZER PERFORMANCE (NSC evaluation board only)
RF
φ
n
Main PLL Phase Noise Floor
(Note 6)
−160
dBc/Hz
Note 3: Refer to Programming Description 2.5.3.
Note 4: Except fin.
Note 5: The OSCout Output Current Magnitude is lass than or equal to 200µA when the Logic Mode is selected. The OSCout Output Current Magnitude is greater
than or equal to 300µA when the Crystal Mode is selected.
Note 6: Offset frequency = 1 kHz, fin = 900 MHz, f
φ = 25 kHz, N = 3600, fOSC = 10 MHz, VOSC > 1.2 VPP. Refer to the Application Note, AN-1052, for description
of phase noise floor measurement.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com