Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT35 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V53C16258HT35
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT35 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V53C16258HT35 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT35 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOSEL VITELIC
1
V53C16258H
HIGH PERFORMANCE
256K X 16 EDO PAGE MODE
CMOS DYNAMIC RAM
OPTIONAL SELF REFRESH
PRELIMINARY
V53C16258H Rev. 3.8 November 1999
HIGH PERFORMANCE
25
30
35
40
45
50
Max. RAS Access Time, (tRAC)
25 ns
30 ns
35 ns
40 ns
45 ns
50 ns
Max. Column Address Access Time, (tCAA)
13 ns
16 ns
18 ns
20 ns
22 ns
24 ns
Min. Extended Data Out Mode Cycle Time, (tPC)
10 ns
12 ns
14 ns
15 ns
17 ns
19 ns
Min. Read/Write Cycle Time, (tRC)
45 ns
60 ns
70 ns
75 ns
80 ns
90 ns
Features
s 256K x 16-bit organization
s EDO Page Mode for a sustained data rate of
100 MHz
s RAS access time: 25, 30, 35, 40, 45, 50 ns
s Dual CAS Inputs
s Low power dissipation
s Read-Modify-Write, RAS-Only Refresh,
CAS-Before-RAS Refresh
s Optional Self Refresh (V53C16258SH)
s Refresh Interval: 512 cycles/8 ms
s Available in 40-pin 400 mil SOJ and 40/44L-pin
400 mil TSOP-II packages
s Single +5V
±10% Power Supply
s TTL Interface
Description
The V53C16258H is a high speed 262,144 x 16
bit high performance CMOS dynamic random
access
memory.
The
V53C16258H
offers
a
combination of unique features including: EDO
Page
Mode
operation
for
higher
sustained
bandwidth with Page Mode cycle times as short as
10ns. All inputs are TTL compatible. Input and
output capicatance is significantly lowered to
increase performance and minimize loading. These
features make the V53C16258H ideally suited for a
wide variety of high performance computer systems
and peripheral applications.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
K
T
25
30
35
40
45
50
Std.
0
°C to 70°C
•
•
••••••
•
Blank
–40
°C to +85°C
•
•
••••••
•
I


Similar Part No. - V53C16258HT35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK35 MOSEL-V53C16258LK35 Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK40 MOSEL-V53C16258LK40 Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK45 MOSEL-V53C16258LK45 Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258LK50 MOSEL-V53C16258LK50 Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258HT35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com